Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI7152S Datasheet(PDF) 40 Page - A1 PROs co., Ltd.

Part # AI7152S
Description  a high performance CCD image signal processor for color video camera. It includes MCU, timing generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI7152S Datasheet(HTML) 40 Page - A1 PROs co., Ltd.

Back Button AI7152S Datasheet HTML 33Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 34Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 35Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 36Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 37Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 38Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 39Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 40Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 41Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
40
Ai7152S
A1 PROs Co., Ltd.
Professional Promotion Process Profit
5.1 ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Power supply of 3.3V
-0.3 to 4.0
V
Input voltage of 3.3V
-0.3 to 4.0
V
Storage temperature
-40 to 150
℃
DC input current
20
mA
Output short circuit current
20
mA
5.2 RECOMMEND OPERATING CONDITIONS
Parameter
Min
Typ
Max
Unit
Power supply of 3.3V I/O
2.97
3.3
3.63
V
Input voltage of 3.3V I/O
2.97
3.3
3.63
V
Operation temperature
-20
25
75
℃
5.3 DC ELECTRICAL CHARACTERISTICS
(Under Recommended Operating condition and VCC = 3.0 ~ 3.6V)
Parameter
Min
Typ
Max
Unit
3.3V Pins
Power supply
2.97
3.3
3.63
V
Input low voltage
0.8
V
Input high voltage
2.0
V
Output low voltage
0.4
V
Output high voltage
2.4
V
5.0V Pins *Note1
Power supply
4.5
5.0
5.5
V
Output low voltage
0.4
V
Output high voltage
4.6
V
*Note1 : When operating 5V pins (RG, H1, H2)
5. Electrical Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com