Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI7152S Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # AI7152S
Description  a high performance CCD image signal processor for color video camera. It includes MCU, timing generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI7152S Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  AI7152S Datasheet HTML 1Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 2Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 3Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 4Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 5Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 6Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 7Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 8Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
1
A1 PROs Co., Ltd.
Professional Promotion Process Profit
Digital Signal Processor for Color CCD Cameras
Ver0.01
1.1 GENERAL DESCRIPTION
The Ai7152S is a high performance CCD image signal processor for color video camera. It includes
MCU, timing generator, 2 channel 10bit digital to analog converter and all other functions for camera
system. Supports 250K/380K NTSC system CCD sensors and 290K/410K PAL system CCD sensors
with complementary color filter. It also provided programmable OSD function for convenient camera
setup. DNR function provide clean image even in low light condition.
‧ Support Ye, Cyan, Magenta, Green complementary color filter CCD sensors for
NTSC : A
i338, Ai325CA, ICX632, ICX638, RJ2315, RJ2355
PAL : A
i339, Ai329CA , ICX633, ICX639, RJ2325, RJ2365
‧ Support external EEPROM to store parameter.
‧ Video Adjustment ( brightness, contrast, sharpness, saturation, gamma, hue )
‧ Built-in auto white balance control.
‧ Color rolling, breathing compensation
‧ Built-in auto exposure control.
‧ Built-in Motion Detection
‧ Built-in Privacy Mask Function
‧ 2x, 4x Digital Zoom Function
‧ Built-in Digital Noise Reduction.
‧ Built-in 2-channel 10bit digital to analog converter.
‧ Built-in mirror function.
‧ Built-in blemish compensation circuit storing the data in EEPROM.
‧ Support composite / YC separate analog video output and BT.656 digital output.
‧ Built-in timing generator for vertical driver and CDS/AGC/ADC peripheral chips.
‧ Support line lock function.
‧ Single 3.3V power supply. ( Horizontal drive pins can be 3.3V/5V )
‧ LQFP-80. ( 0.4mm pin pitch )
‧ Support user Definable GPIO.
‧ Programmable CCD Timing Driving Current.
‧ Programmable pull-up GPIO pin
Ai7152S
1.2 FEATURES
A1 PROs
1. Overview


Similar Description - AI7152S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
CCD Camera Timing Generator
CXD3406GA SONY-CXD3406GA Datasheet
384Kb / 46P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3408GA SONY-CXD3408GA Datasheet
404Kb / 47P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3410GA SONY-CXD3410GA Datasheet
403Kb / 49P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
CXD3412GA SONY-CXD3412GA Datasheet
383Kb / 46P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
List of Unclassifed Man...
CXD3423GA ETC-CXD3423GA Datasheet
531Kb / 54P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
Sony Corporation
CXD3422GA SONY-CXD3422GA Datasheet
525Kb / 54P
Timing Generator and Signal Processor for Frame Readout CCD Image Sensor
logo
A1 PROs co., Ltd.
AI5152 A1PROS-AI5152 Datasheet
136Kb / 7P
a high performance CCD image signal processor forcolor video camera. It includes MCU, timing generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com