Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI7152S Datasheet(PDF) 5 Page - A1 PROs co., Ltd.

Part # AI7152S
Description  a high performance CCD image signal processor for color video camera. It includes MCU, timing generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI7152S Datasheet(HTML) 5 Page - A1 PROs co., Ltd.

  AI7152S Datasheet HTML 1Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 2Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 3Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 4Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 5Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 6Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 7Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 8Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
5
Ai7152S
A1 PROs Co., Ltd.
Professional Promotion Process Profit
NO
SYMBOL
I/O
DESCRIPTION
61
VSS
G
Digital GND
62
H1
O
CCD Horizontal driving pulse phase 1
63
VDD50
P
3.3V / 5.0V Power for RG, H1, H2
64
H2
O
CCD Horizontal driving pulse phase 2
65
RG
O
CCD Reset gate pulse
66
VSS
G
Digital GND
67
VDD33
P
3.3V Power
68
VDD18
P
1.8V Power
69
OSCI
I
Line Lock clock input
70
OSCO
O
Line Lock clock output
71
VSS
G
Digital GND
72
PCOMP
O
Phase comparator out / Day_ Out
73
SHD
O
CDS Sample & Hold pulse for data
74
SHP
O
CDS Sample & Hold pulse for pre-charge
75
ADC_CLK
O
ADC Sampling clock
76
VDD33
P
3.3V Power
77
ADC_D9
I
CCD Image data 9
78
ADC_D8
I
CCD Image data 8
79
ADC_D7
I
CCD Image data 7
80
ADC_D6
I
CCD Image data 6
I : Input
O: Output
P: Power
IO: Bi direction
G: Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com