Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI7152S Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # AI7152S
Description  a high performance CCD image signal processor for color video camera. It includes MCU, timing generator
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI7152S Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  AI7152S Datasheet HTML 1Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 2Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 3Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 4Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 5Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 6Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 7Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 8Page - A1 PROs co., Ltd. AI7152S Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
3
Ai7152S
A1 PROs Co., Ltd.
Professional Promotion Process Profit
3. PIN DESCRIPTION
NO
SYMBOL
I/O
DESCRIPTION
1
ADC_D5
I
CCD Image Data 5
2
ADC_D4
I
CCD Image Data 4
3
ADC_D3
I
CCD Image Data 3
4
ADC_D2
I
CCD Image Data 2
5
ADC_D1
I
CCD Image Data 1
6
ADC_D0
I
CCD Image Data 0
7
VSS
G
Digital GND
8
CLPOB
IO
Optical black clamp pulse
9
EXT_9
IO
Pre Blanking pulse / PBLK Out / EXTIO_9
10
ADC_SLD
IO
ADC Serial enable/ External CPU VD
11
ADC_SCL
IO
ADC Serial clock (Camera mode input) / External CPU FLD
12
ADC_SDA
IO
ADC Serial data (Camera mode input) / External CPU HD
13
VDD33
P
3.3V Power
14
I2C_SDA
IO
I2C Data / External CPU Input
15
I2C_SCL
IO
I2C Clock / External CPU Input
16
GPIO5
IO
RX232C TX / External CPU Input
17
GPIO6
I
RX232C RX / External CPU Input
18
RESET_IN
I
System Reset
19
GPIO2
IO
Key Right / External CPU Serial Data Output
20
GPIO4
I
Key Down / External CPU Input
21
GPIO3
I
Key Up / / External CPU Serial Data Input
22
GPIO1
I
Key Left / External CPU Serial Clock
23
GPIO0
I
Key Select / External CPU Chip Select
24
VSS
G
Digital GND
25
XTALO
IO
X-Tal output
26
XTALI
I
X-Tal input (NTSC : 28.6363MHz, PAL : 28.375MHz, 27Mhz)
27
VDD18
P
1.8V Power
28
VDD33
P
3.3V Power
29
VSS
G
Digital GND
30
RSET
I
DAC Register set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com