Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC925L Datasheet (PDF) - Sharp Corporation

PC925L Datasheet PDF - Sharp Corporation
Part # PC925L
Download  PC925L Download
File Size   274.37 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Speed, 2.5A Output, Gate Drive DIP 8 pin

PC925L Datasheet (PDF)

Go To PDF Page Download Datasheet
PC925L Datasheet PDF - Sharp Corporation

Part # PC925L
Download  PC925L Click to download

File Size   274.37 Kbytes
Page   10 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Speed, 2.5A Output, Gate Drive DIP 8 pin

PC925L Datasheet (HTML) - Sharp Corporation




Similar Part No. - PC925L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC925L SHARP-PC925L Datasheet
825Kb / 17P
PHOTOCOUPLER
November 13, 2006
PC925L0NIP0F SHARP-PC925L0NIP0F Datasheet
825Kb / 17P
PHOTOCOUPLER
November 13, 2006
PC925L0YIP0F SHARP-PC925L0YIP0F Datasheet
825Kb / 17P
PHOTOCOUPLER
November 13, 2006
More results


Similar Description - PC925L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC923L SHARP-PC923L Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
California Eastern Labs
PS9506 CEL-PS9506 Datasheet
3Mb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9531 RENESAS-PS9531_15 Datasheet
657Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505 RENESAS-PS9505_15 Datasheet
306Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506 RENESAS-PS9506_15 Datasheet
336Kb / 22P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com