Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC925L Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC925L
Description  High Speed, 2.5A Output, Gate Drive DIP 8 pin
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC925L Datasheet(HTML) 1 Page - Sharp Corporation

  PC925L Datasheet HTML 1Page - Sharp Corporation PC925L Datasheet HTML 2Page - Sharp Corporation PC925L Datasheet HTML 3Page - Sharp Corporation PC925L Datasheet HTML 4Page - Sharp Corporation PC925L Datasheet HTML 5Page - Sharp Corporation PC925L Datasheet HTML 6Page - Sharp Corporation PC925L Datasheet HTML 7Page - Sharp Corporation PC925L Datasheet HTML 8Page - Sharp Corporation PC925L Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PC925L0NSZ0F Series
1
Sheet No.: D4-A09301EN
Date Sep. 01. 2006
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC925L0NSZ0F
Series
High Speed, 2.5A Output,
Gate Drive DIP 8 pin
∗OPIC Photocoupler
■ Description
PC925L0NSZ0F Series contains a LED optically cou-
pled to an OPIC chip.
It is packaged in a 8 pin DIP, available in SMT gullwing
lead form option.
Peak output current is 2.5A, Input-output isolation
voltage(rms) is 5kV and High speed response (tPHL, tPLH :
MAX. 0.5μs).
■ Features
1. 8 pin DIP package
2. Double transfer mold package
(Ideal for Flow Soldering)
3. Built-in direct drive circuit for MOSFET / IGBT drive
(IO(peak) : 2.5A)
4. High speed response (tPHL, tPLH : MAX. 0.5μs)
5. Wide operating supply voltage range
(VCC=15 to 30 V)
6. High noise immunity due to high instantaneous com-
mon mode rejection voltage (CMH : MIN. −15kV/μs,
CML : MIN. 15kV/μs)
7. Long creepage distance type (wide lead-form type
only : MIN. 8mm)
8. High isolation voltage between input and output
(Viso(rms) : 5kV)
9. Lead-free and RoHS directive compliant
■ Agency approvals/Compliance
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC925L)
2. Package resin : UL flammability grade (94V-0)
■ Applications
1. IGBT/MOSFET gate drive for inverter control
* "OPIC"(Optical IC) is a trademark of the SHARP Corporation. An OPIC consists of a light-detecting element and a signal-pro-
cessing circuit integrated onto a single chip.


Similar Part No. - PC925L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC925L SHARP-PC925L Datasheet
825Kb / 17P
PHOTOCOUPLER
November 13, 2006
PC925L0NIP0F SHARP-PC925L0NIP0F Datasheet
825Kb / 17P
PHOTOCOUPLER
November 13, 2006
PC925L0YIP0F SHARP-PC925L0YIP0F Datasheet
825Kb / 17P
PHOTOCOUPLER
November 13, 2006
More results

Similar Description - PC925L

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC923L SHARP-PC923L Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
California Eastern Labs
PS9506 CEL-PS9506 Datasheet
3Mb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9531 RENESAS-PS9531_15 Datasheet
657Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9505 RENESAS-PS9505_15 Datasheet
306Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506 RENESAS-PS9506_15 Datasheet
336Kb / 22P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com