Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC925L Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC925L
Description  High Speed, 2.5A Output, Gate Drive DIP 8 pin
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC925L Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC925L Datasheet HTML 2Page - Sharp Corporation PC925L Datasheet HTML 3Page - Sharp Corporation PC925L Datasheet HTML 4Page - Sharp Corporation PC925L Datasheet HTML 5Page - Sharp Corporation PC925L Datasheet HTML 6Page - Sharp Corporation PC925L Datasheet HTML 7Page - Sharp Corporation PC925L Datasheet HTML 8Page - Sharp Corporation PC925L Datasheet HTML 9Page - Sharp Corporation PC925L Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Sheet No.: D4-A09301EN
PC925L0NSZ0F Series
■ Electro-optical Characteristics
*8
(Unless otherwise specified : Ta=−+40 to +100˚C, IF(ON)=7 to 16mA, VCC=15 to 30V, VF(OFF)=−3V to 0.8V)
Parameter
Symbol
Condition
MIN.
*13 TYP. MAX.
Unit
Forward voltage
VF
IF=10mA
1.2
−
1.8
V
Reverse current
IR
VR=5V
−−
10
μA
Terminal capacitance
Ct
Ta=25˚C, V=0, f=1MHz
−
60
150
pF
High level output current
IOH
*8 VO=(VCC−4V), IF(ON)
0.5
1.5
−
A
*9 VO=(VCC−15V), IF(ON)
2
−−
A
Low level output current
IOL
*8 VO=2.5V, VF(OFF)
0.5
1.5
−
A
*9 VO=15V, VF(OFF)
2
−−
A
High level output voltage
VOH
IO=−0.1A, IF(ON)
VCC−4VCC−3
−
V
Low level output voltage
VOL
IO=0.1A, VF(OFF)
−
0.1
0.5
V
*10 High level supply current
ICCH
IF(ON)
−
2.5
5
mA
*10 Low level supply current
ICCL
VF(OFF)
−
2.5
5
mA
UVLO threshold
VUVLO+
VO>5V, IF=10mA
11
12.3
13.5
V
VUVLO−
9.5
10.7
12
V
UVLO Hysteresis
UVLOHYS
−
1.6
−
V
*11"Low→High" threshold input current
IFLH
VO>5V, IO=0
−−
5mA
Isolation resistance
RISO
Ta=25˚C, DC=500V, 40 to 60%RH
5×10
10
10
11
−Ω
"Low→High" propagation time
tPLH
RG=10Ω, CG=10nF,
f=10kHz, Duty ratio 50%
0.1
0.3
0.5
μs
"High→Low" propagation time
tPHL
0.1
0.3
0.5
μs
*12 Distortion of pulse width
ΔtW
−−
0.3
μs
Propagation delay skew
tPSK
−0.35
−
0.35
μs
Rise time
tr
−
0.1
−μs
Fall time
tf
−
0.1
−μs
UVLO Turn on delay
tUVLO ON
VO>5V, IF=10mA
−
0.8
−μs
UVLO Turn off delay
tUVLO OFF
VO>5V, IF=10mA
−
0.6
−μs
Instantaneous common mode rejection
voltage (High level output)
|CMH|
Ta=25˚C, VCM=1.5kV(p−p),
IF=10 to 16mA, VCC=30V, VOH>15V
15
−−
kV/μs
Instantaneous common mode rejection
voltage (Low level output)
|CML|
Ta=25˚C, VCM=1.5kV(p−p),
VF=0, VCC=30V, VOL<1V
15
−
−
kV/μs
*7 It shall connect a by-pass capacitor of 0.1μF or more between VCC (Pin No. 8) and GND (Pin No. 5) near the device, when it measures the transfer characteristics and the output
side characteristics.
*8 Pulse width≤50μs, Duty ratio : 0.005
*9 Pulse width≤10μs, Duty ratio : 0.002
*10 Output pin is open.
*11 IFLH is the value of forward current when output becomes from "L" to "H"
*12 Distortion of pulse width ΔtW=|tPHL-tPLH|
*13 All typical values are at Ta=25˚C, VCC=30V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com