Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC925L Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC925L
Description  High Speed, 2.5A Output, Gate Drive DIP 8 pin
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC925L Datasheet(HTML) 3 Page - Sharp Corporation

  PC925L Datasheet HTML 1Page - Sharp Corporation PC925L Datasheet HTML 2Page - Sharp Corporation PC925L Datasheet HTML 3Page - Sharp Corporation PC925L Datasheet HTML 4Page - Sharp Corporation PC925L Datasheet HTML 5Page - Sharp Corporation PC925L Datasheet HTML 6Page - Sharp Corporation PC925L Datasheet HTML 7Page - Sharp Corporation PC925L Datasheet HTML 8Page - Sharp Corporation PC925L Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Sheet No.: D4-A09301EN
PC925L0NSZ0F Series
PC925L
7.62±
0.30
0.75±
0.25
0.75±
0.25
10.16±
0.50
12.0
MAX.
9.66±
0.30
Epoxy resin
2.54±
0.25
0.6±
0.2
1.2±
0.3
Primary side mark
Date code
SHARP
mark
"S"
1
2
3
6
5
8
7
4
Rank mark
3. Wide SMT Gullwing Lead-Form
[ex. PC925L0NUP0F]
(Unit : mm)
Product mass : approx. 0.55g
Plating material : Pd (Au flash)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com