Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC925L Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC925L
Description  High Speed, 2.5A Output, Gate Drive DIP 8 pin
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC925L Datasheet(HTML) 5 Page - Sharp Corporation

  PC925L Datasheet HTML 1Page - Sharp Corporation PC925L Datasheet HTML 2Page - Sharp Corporation PC925L Datasheet HTML 3Page - Sharp Corporation PC925L Datasheet HTML 4Page - Sharp Corporation PC925L Datasheet HTML 5Page - Sharp Corporation PC925L Datasheet HTML 6Page - Sharp Corporation PC925L Datasheet HTML 7Page - Sharp Corporation PC925L Datasheet HTML 8Page - Sharp Corporation PC925L Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Sheet No.: D4-A09301EN
PC925L0NSZ0F Series
■ Absolute Maximum Ratings
(Ta=25˚C)
Parameter
Symbol
Rating
Unit
Input
*1 Forward current
IF
25
mA
Reverse voltage
VR
5V
*2 Peak forward current
IFM
1A
Output
Supply voltage
VCC
35
V
*3 Peak output current
IO(PEAK)
2.5
A
Output voltage
VO
VCC
V
*4 Output power dissipation
PO
250
mW
*5 Total power dissipation
Ptot
295
mW
*6 Isolation voltage
Viso(rms)
5kV
Operating temperature
Topr
−40 to +100
˚C
Storage temperature
Tstg
−55 to +125
˚C
*7 Soldering temperature
Tsol
270
˚C
*1 When ambient temperature goes above 70˚C, the power dissipation goes down at 0.3mA/˚C
(Refer to Fig.10).
*2 Pulse width≤1μs, 300pps
*3 Pulse width≤10μs, Duty ratio : 0.002
*4 When ambient temperature goes above 70˚C, the power dissipation goes down at 4.8mA/˚C
(Refer to Fig.11).
*5 When ambient temperature goes above 70˚C, the power dissipation goes down at 5.4mA/˚C
(Refer to Fig.12).
*6 AC for 1min, 40 to 60%RH, f=60Hz
*7 For 10s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com