Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS134 Datasheet (PDF) - Coto Technology

CS134 Datasheet PDF - Coto Technology
Part # CS134
Download  CS134 Download
File Size   366.76 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Contact Form: 1a Load Voltage: 200V Maximum

CS134 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS134 Datasheet PDF - Coto Technology

Part # CS134
Download  CS134 Click to download

File Size   366.76 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Contact Form: 1a Load Voltage: 200V Maximum

CS134 Datasheet (HTML) - Coto Technology


CS134 Product details

CotoMOS CT134/CS134
The CT134 and CS134 feature current switching capability to 200mA with a low on resistance of 8Ω Maximum. Designed for Security, Measurement and Instrumentation applications the CotoMOS® relay is capable of handling 200V load conditions. If your requirements are different please contact your Coto Applications Engineer for assistance through www.cotorelay.com.

CT134/CS134 Features
► Contact Form: 1a
► Load Voltage: 200V Maximum
► Operation LED Current: 3.0mA Maximum
► Load Current: 200mA Maximum
► On-Resistance: 8Ω Maximum
► Low Off-State Leakage Current: 1.0μA Maximum
► I/O Breakdown Voltage: 1500Vrms Minimum
► Suffix - H for I/O Breakdown Voltage: 5000Vrms Minimum




Similar Part No. - CS134

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS1340 ETC-CS1340 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results


Similar Description - CS134

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C234S COTO-C234S Datasheet
381Kb / 2P
Contact Form: C234S: 1a / C334S: 2a Load Voltage: 200V Maximum
CT126 COTO-CT126 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 40V Maximum
CT130 COTO-CT130 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 400V Maximum
CT131 COTO-CT131 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 350V Maximum
CT135 COTO-CT135 Datasheet
365Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT136 COTO-CT136 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 60V Maximum
CT137 COTO-CT137 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 60V Maximum
CT138 COTO-CT138 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 600V Maximum
CT147 COTO-CT147 Datasheet
368Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT334 COTO-CT334 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 200V Maximum
More results




About Coto Technology


Coto Technology is a company that specializes in the design, development, and manufacturing of high-quality magnetic reed switches and other related products. The company was founded in 1917 and is based in North Kingstown, Rhode Island, USA.

Coto Technology offers a wide range of magnetic reed switches and related products, including high-voltage reed relays, automotive-grade reed switches, and surface-mount reed switches. These products are used in a variety of applications, including telecommunications, medical equipment, automotive electronics, and industrial controls.

In addition to magnetic reed switches, Coto Technology also offers a range of complementary products, including dry reed switches, reed sensors, and magnetic proximity sensors. The company has a reputation for producing high-quality, reliable products, and has won numerous awards and accolades for its work in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com