Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS134 Datasheet(PDF) 1 Page - Coto Technology

Part # CS134
Description  Contact Form: 1a Load Voltage: 200V Maximum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CS134 Datasheet(HTML) 1 Page - Coto Technology

  CS134 Datasheet HTML 1Page - Coto Technology CS134 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18 | page
tel: (401) 943.2686
|
fax: (401) 942.0920
DIMENSIONS
in Inches (Millimeters)
CotoMOS CT134/CS134
The CT134 and CS134 feature current switching capability to 200mA with a low on
resistance of 8Ω Maximum. Designed for Security, Measurement and Instrumentation
applications the CotoMOS® relay is capable of handling 200V load conditions. If your
requirements are different please contact your Coto Applications Engineer for assis-
tance through www.cotorelay.com.
CT134/CS134 Features
u
Contact Form: 1a
u
Load Voltage: 200V Maximum
u
Operation LED Current: 3.0mA Maximum
u
Load Current: 200mA Maximum
u
On-Resistance: 8Ω Maximum
u
Low Off-State Leakage Current: 1.0μA Maximum
u
I/O Breakdown Voltage: 1500Vrms Minimum
u
Suffix - H for I/O Breakdown Voltage: 5000Vrms Minimum
CS134
CT134
CT134/CS134
TERMINAL IDENTIFICATION
6 54
1 23
(+) (-)
1: Anode (LED)
2: Cathode (LED)
3: NC
4,6: Drain (MOS FET)
5: Source (MOS FET)
®
0.047(1.2)
0.358(9.1)Max.
0.118(3.0)
IDENTIFIES PIN #1
0.020(0.5)
0.100(2.54)
0.200(5.08)
0.470(1.2)
0.020(0.5)
0.100(2.54)
0.200(5.08)
0.358(9.1)Max.
0.010(0.25)
IDENTIFIES PIN #1


Similar Part No. - CS134

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS1340 ETC-CS1340 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS134

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C234S COTO-C234S Datasheet
381Kb / 2P
Contact Form: C234S: 1a / C334S: 2a Load Voltage: 200V Maximum
CT126 COTO-CT126 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 40V Maximum
CT130 COTO-CT130 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 400V Maximum
CT131 COTO-CT131 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 350V Maximum
CT135 COTO-CT135 Datasheet
365Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT136 COTO-CT136 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 60V Maximum
CT137 COTO-CT137 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 60V Maximum
CT138 COTO-CT138 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 600V Maximum
CT147 COTO-CT147 Datasheet
368Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT334 COTO-CT334 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 200V Maximum
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com