Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS147 Datasheet (PDF) - Coto Technology

CS147 Datasheet PDF - Coto Technology
Part # CS147
Download  CS147 Download
File Size   368.82 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Contact Form: 1a Load Voltage: 80V Maximum

CS147 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS147 Datasheet PDF - Coto Technology

Part # CS147
Download  CS147 Click to download

File Size   368.82 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Contact Form: 1a Load Voltage: 80V Maximum

CS147 Datasheet (HTML) - Coto Technology




Similar Part No. - CS147

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CS147 COTO-CS147 Datasheet
634Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
logo
Cree, Inc
CS14713 CREE-CS14713 Datasheet
1Mb / 22P
HighBay series
logo
Ledil, Inc.
CS14713 LEDIL-CS14713 Datasheet
1Mb / 26P
HighBay Assembly
CS14713 LEDIL-CS14713 Datasheet
1Mb / 30P
HighBay Assembly
logo
Cree, Inc
CS14764 CREE-CS14764 Datasheet
1Mb / 24P
Strada series
More results


Similar Description - CS147

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C235S COTO-C235S Datasheet
379Kb / 2P
Contact Form: C235S: 1a / C335S: 2a Load Voltage: 80V Maximum
C247S COTO-C247S Datasheet
381Kb / 2P
Contact Form: C247S: 1a / C347S: 2a Load Voltage: 80V Maximum
CT126 COTO-CT126 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 40V Maximum
CT130 COTO-CT130 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 400V Maximum
CT131 COTO-CT131 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 350V Maximum
CT134 COTO-CT134 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 200V Maximum
CT135 COTO-CT135 Datasheet
365Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT136 COTO-CT136 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 60V Maximum
CT137 COTO-CT137 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 60V Maximum
CT335 COTO-CT335 Datasheet
334Kb / 2P
Contact Form: 2a Load Voltage: 80V Maximum
More results




About Coto Technology


Coto Technology is a company that specializes in the design, development, and manufacturing of high-quality magnetic reed switches and other related products. The company was founded in 1917 and is based in North Kingstown, Rhode Island, USA.

Coto Technology offers a wide range of magnetic reed switches and related products, including high-voltage reed relays, automotive-grade reed switches, and surface-mount reed switches. These products are used in a variety of applications, including telecommunications, medical equipment, automotive electronics, and industrial controls.

In addition to magnetic reed switches, Coto Technology also offers a range of complementary products, including dry reed switches, reed sensors, and magnetic proximity sensors. The company has a reputation for producing high-quality, reliable products, and has won numerous awards and accolades for its work in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com