Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS147 Datasheet(PDF) 1 Page - Coto Technology

Part # CS147
Description  Contact Form: 1a Load Voltage: 80V Maximum
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

CS147 Datasheet(HTML) 1 Page - Coto Technology

  CS147 Datasheet HTML 1Page - Coto Technology CS147 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28 | page
tel: (401) 943.2686
|
fax: (401) 942.0920
DIMENSIONS
in Inches (Millimeters)
CotoMOS CT147/CS147
The CT147 and CS147 combine Coto quality and economy in an industry standard
6 pin DIP package. Both the CT147 and the CS147 offer low on resistance and high
load current. The CT147 utilizes a thru hole lead configuration, while the CS147 offers
a surface mount option when the application requires it. Both relays are ideally suited
to the needs of Test and Measurement, Industrial, and Telecommunications
CT147/CS147 Features
u
Contact Form: 1a
u
Load Voltage: 80V Maximum
u
Operation LED Current: 3.0mA Maximum
u
Load Current: 2.0A Maximum
u
On-Resistance: 0.16Ω Maximum
u
Low Off-State Leakage Current: 1.0μA Maximum
u
I/O Breakdown Voltage: 1500Vrms Minimum
u
Suffix - H for I/O Breakdown Voltage: 5000Vrms Minimum
CS147
CT147
CT147/CS147
TERMINAL IDENTIFICATION
6 54
1 23
(+) (-)
1: Anode (LED)
2: Cathode (LED)
3: NC
4,6: Drain (MOS FET)
5: Source (MOS FET)
®
0.047(1.2)
0.358(9.1)Max.
0.118(3.0)
IDENTIFIES PIN #1
0.020(0.5)
0.100(2.54)
0.200(5.08)
0.470(1.2)
0.020(0.5)
0.100(2.54)
0.200(5.08)
0.358(9.1)Max.
0.010(0.25)
IDENTIFIES PIN #1


Similar Part No. - CS147

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CS147 COTO-CS147 Datasheet
634Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
logo
Cree, Inc
CS14713 CREE-CS14713 Datasheet
1Mb / 22P
HighBay series
logo
Ledil, Inc.
CS14713 LEDIL-CS14713 Datasheet
1Mb / 26P
HighBay Assembly
CS14713 LEDIL-CS14713 Datasheet
1Mb / 30P
HighBay Assembly
logo
Cree, Inc
CS14764 CREE-CS14764 Datasheet
1Mb / 24P
Strada series
More results

Similar Description - CS147

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C235S COTO-C235S Datasheet
379Kb / 2P
Contact Form: C235S: 1a / C335S: 2a Load Voltage: 80V Maximum
C247S COTO-C247S Datasheet
381Kb / 2P
Contact Form: C247S: 1a / C347S: 2a Load Voltage: 80V Maximum
CT126 COTO-CT126 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 40V Maximum
CT130 COTO-CT130 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 400V Maximum
CT131 COTO-CT131 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 350V Maximum
CT134 COTO-CT134 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 200V Maximum
CT135 COTO-CT135 Datasheet
365Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT136 COTO-CT136 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 60V Maximum
CT137 COTO-CT137 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 60V Maximum
CT335 COTO-CT335 Datasheet
334Kb / 2P
Contact Form: 2a Load Voltage: 80V Maximum
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com