Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP117 Datasheet (PDF) - Toshiba Semiconductor

TLP117 Datasheet PDF - Toshiba Semiconductor
Part # TLP117
Download  TLP117 Download
File Size   223.97 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER GaA As LED & PHOTO-IC

TLP117 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP117 Datasheet PDF - Toshiba Semiconductor

Part # TLP117
Download  TLP117 Click to download

File Size   223.97 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER GaA As LED & PHOTO-IC

TLP117 Datasheet (HTML) - Toshiba Semiconductor


TLP117 Product details

PDP (Plasma Display Panel)

FA (Factory Automation)

High-Speed Interface



The Toshiba TLP117 consists of a GaAℓAs light-emitting diode and an integrated high-gain, high-speed photodetector.



• Inverter logic (totempole output)

• Package type : MFSOP6

• Guaranteed performance over temperature : -40 to 105°C

• Power supply voltage : 4.5 to 5.5 V

• Input thresholds current : IFHL=5 mA (Max)

• Propagation delay time (tpHL/tpLH) : 30 ns (Max) at VL=0 V

                                                   20 ns (Max) at VL=1.1 V

• Switching speed : 50 MBd (Typ.)

• Common mode transient immunity : 10 kV/μs (Min)

• Isolation voltage : 3750 Vrms

• UL Recognized : UL1577,File No.E67349

• c-UL Recognized: CSA Component Acceptance Service No. 5A, File No.E67349



 




Similar Part No. - TLP117

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
TLP11716117160150051 HUBERSUHNER-TLP11716117160150051 Datasheet
502Kb / 2P
LOW PIM TEST ASSEMBLIES, 716 (male), 716 (male), 50 Ohm, 4 GHz, 1500mm
TLP1171611N0150051 HUBERSUHNER-TLP1171611N0150051 Datasheet
503Kb / 2P
LOW PIM TEST ASSEMBLIES, 716 (male), N (male), 50 Ohm, 4 GHz, 1500mm
logo
Toshiba Semiconductor
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
More results


Similar Description - TLP117

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
TOSHIBA Photocoupler GaAℓAs Ired Photo IC
25-Sep-2002
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP116A TOSHIBA-TLP116A Datasheet
274Kb / 9P
PHOTOCOUPLER GaA?밃s LED & PHOTO-IC
TLP118 TOSHIBA-TLP118 Datasheet
315Kb / 13P
TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC
TLP715 TOSHIBA-TLP715 Datasheet
252Kb / 9P
TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
TLP168J TOSHIBA-TLP168J_14 Datasheet
184Kb / 6P
TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP591B TOSHIBA-TLP591B_14 Datasheet
197Kb / 4P
TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
TLP3914 TOSHIBA-TLP3914_14 Datasheet
265Kb / 7P
TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP3924 TOSHIBA-TLP3924_14 Datasheet
246Kb / 5P
TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com