Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP118 Datasheet (PDF) - Toshiba Semiconductor

TLP118 Datasheet PDF - Toshiba Semiconductor
Part # TLP118
Download  TLP118 Download
File Size   315.74 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC

TLP118 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP118 Datasheet PDF - Toshiba Semiconductor

Part # TLP118
Download  TLP118 Click to download

File Size   315.74 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC

TLP118 Datasheet (HTML) - Toshiba Semiconductor


TLP118 Product details

PDP (Plasma Display Panel)

FA (Factory Automation)

Interfaces of measuring and control instruments

Operate at high ambient temperatures up to 125°C



The Toshiba TLP118 consists of GaAℓAs infrared light emitting diodes and integrated high-gain, high-speed photodetectors. The TLP118 is housed in the SO6 package. The output stage is an open collector type.

The photodetector has an internal Faraday shield that provides a guaranteed common-mode transient immunity of ±15 kV/μs.



 Inverter logic type (Open collector output)

 Package: SO6 pin

 Guaranteed performance over: -40 to 125°C

 Power supply voltage: 4.5 to 5.5 V

 Input threshold current: IFH = 5.0 mA (max)

 Propagation delay time tpHL/tpLH: 60 ns (max)

 Common-mode transient immunity: ±15 kV/μs (min)

 Isolation voltage: 3750 Vrms (min)

 UL approved : UL1577, File No.E67349

 cUL approved: CSA Component Acceptance Service No. 5A, File No.E67349



 




Similar Part No. - TLP118

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112 Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
TLP112 TOSHIBA-TLP112 Datasheet
189Kb / 7P
Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP112A TOSHIBA-TLP112A Datasheet
188Kb / 7P
Photo−IC Digital Logic Isolation
TLP112A TOSHIBA-TLP112A Datasheet
161Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
More results


Similar Description - TLP118

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
TOSHIBA Photocoupler GaA?밃s Ired Photo IC
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
Photocoupler GaA?밃s IRED Photo IC
TLP117 TOSHIBA-TLP117 Datasheet
223Kb / 7P
TOSHIBA PHOTOCOUPLER GaA As LED & PHOTO-IC
TLP715 TOSHIBA-TLP715 Datasheet
252Kb / 9P
TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
TLP168J TOSHIBA-TLP168J_14 Datasheet
184Kb / 6P
TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP591B TOSHIBA-TLP591B_14 Datasheet
197Kb / 4P
TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
TLP3914 TOSHIBA-TLP3914_14 Datasheet
265Kb / 7P
TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP3924 TOSHIBA-TLP3924_14 Datasheet
246Kb / 5P
TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com