Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP715 Datasheet (PDF) - Toshiba Semiconductor

TLP715 Datasheet PDF - Toshiba Semiconductor
Part # TLP715
Download  TLP715 Download
File Size   252.22 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC

TLP715 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP715 Datasheet PDF - Toshiba Semiconductor

Part # TLP715
Download  TLP715 Click to download

File Size   252.22 Kbytes
Page   9 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC

TLP715 Datasheet (HTML) - Toshiba Semiconductor


TLP715 Product details

Isolated Bus Drivers
High Speed Line Receivers
Microprocessor System Interfaces

The Toshiba TLP715 consists of an infrared emitting diode and an integrated high-gain, high-speed photodetector. This unit is a 6-pin SDIP. The TLP715 is 50% smaller than the 8-PIN DIP and meets the reinforced insulation class requirements of international safety standards. Therefore the mounting area can be reduced in equipment requiring safety standard certification. The detector has a totem pole output stage to provide both source and sink driving. The detector IC has an internal shield that provides a guaranteed common-mode transient immunity. The TLP715 is buffer logic type. For inverter logic type, the TLP718 is in line-up.

● Buffer logic output (totem pole output)
● Guaranteed performance over temperature: -40 to 100°C
● Power supply voltage: 4.5 to 20 V
● Input current: IFLH = 3 mA (max)
● Switching time ( tpLH / tpHL): 250 ns (max)
● Common-mode transient immunity: ±10 kV / μs (min)
● Isolation voltage: 5000 Vrms (min)
● UL-recognized: UL 1577, File No.E67349
● cUL-recognized: CSA Component Acceptance Service No.5A
                               File No.E67349
● VDE-approved : EN 60747-5-5 , EN 62368-1 (Note 1)




Similar Part No. - TLP715

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
More results


Similar Description - TLP715

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP750 TOSHIBA-TLP750 Datasheet
191Kb / 7P
TOSHIBA Photocoupler GaA?밃s Ired Photo IC
TLP2530 TOSHIBA-TLP2530 Datasheet
183Kb / 8P
TOSHIBA Photocoupler GaA?밃s Ired & Photo IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
Photocoupler GaA?밃s IRED Photo IC
TLP117 TOSHIBA-TLP117 Datasheet
223Kb / 7P
TOSHIBA PHOTOCOUPLER GaA As LED & PHOTO-IC
TLP118 TOSHIBA-TLP118 Datasheet
315Kb / 13P
TOSHIBA PHOTOCOUPLER GaA As Ired & PHOTO-IC
TLP168J TOSHIBA-TLP168J_14 Datasheet
184Kb / 6P
TOSHIBA Photocoupler GaA-As IRed & Photo-Triac
TLP590B TOSHIBA-TLP590B_14 Datasheet
192Kb / 6P
TOSHIBA Photocoupler GaA-As Ired & Photo?묭iode Array
TLP591B TOSHIBA-TLP591B_14 Datasheet
197Kb / 4P
TOSHIBA Photocoupler GaA-As Ired and Photo?묭iode Array
TLP3914 TOSHIBA-TLP3914_14 Datasheet
265Kb / 7P
TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
TLP3924 TOSHIBA-TLP3924_14 Datasheet
246Kb / 5P
TOSHIBA PHOTOCOUPLER GaA-As IRED and PHOTO?묭IODE ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com