Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958 Datasheet (PDF) - STMicroelectronics

L9958 Datasheet PDF - STMicroelectronics
Part # L9958
Download  L9958 Download
File Size   463.9 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low RDSON SPI controlled H-Bridge

L9958 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9958 Datasheet PDF - STMicroelectronics

Part # L9958
Download  L9958 Click to download

File Size   463.9 Kbytes
Page   38 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low RDSON SPI controlled H-Bridge

L9958 Datasheet (HTML) - STMicroelectronics


L9958 Product details

Description
The L9958 is an SPI controlled H-Bridge, designed for the control of DC and stepper motors in safety critical applications and under extreme environmental conditions. The H-Bridge is protected against over temperature, short circuits and has an undervoltage lockout for all the supply voltages Vs and Vdd, and for overvoltage on Vdd. All malfunctions cause the output stages to go tristate. Detailed failure diagnostics on each channel is provided via SPI: short circuit to battery, short circuit to ground, short circuit overload, over temperature. Open-load can be detected in ON condition, for the widest application ranges. Current regulation threshold can be set by SPI from 2.5 A to 8.6 A (Typ.), in 4 steps. Guaranteed accuracy is ±10 % on all temp range, using an external reference resistor with 1% accuracy over all temp range. Current limitation threshold is linearly reduced by temperature over 165 °C.and a thermal warning bit is set by SPI. The H-Bridge contains integrated free-wheel diodes. In case of free-wheeling condition, the low side transistor is switched on in parallel of its diode to reduce power dissipation. A multiple wire bonding technique, as well as ST proprietary package design is making L9958 compatible with three power packages, for maximum flexibility: PowerSO-20 package (medium power, JEDEC standard MO166); PowerSO16 package (medium power, lower cost); PowerSSO24 package (low power, very low cost JEDEC standard MO271A).

Features
■ Programmable current regulation peak threshold by SPI up to 8.6 A typ.
■ Operating battery supply voltage 4.0 V to 28 V
■ Operating Vdd supply voltage 4.5 V to 5.5 V
■ All pins withstand 19 V, Vs and output pins withstand 40 V
■ Full path Ron from 100 mΩ (at Tj = -40 °C) to 300 mΩ (at Tj =150 °C)
■ Logic inputs TTL/CMOS-compatible
■ Operating frequency up to 20 kHz
■ 16-bit SPI interface for configuration/diagnostics, daisy chain capability
■ Over temperature and short circuit protection
■ VS undervoltage disable function
■ Vdd undervoltage and overvoltage protection
■ Vdd overvoltage detection
■ Open-load detection in ON condition
■ Full diagnostics in OFF state
■ Enable and disable input
■ Low stand by current (<10 µA)
■ Voltage and current slew-rate control for low EMI, programmable through SPI
■ Available in three power packages




Similar Part No. - L9958

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9958 STMICROELECTRONICS-L9958 Datasheet
766Kb / 38P
Low RDSON SPI controlled H-Bridge
05-Dec-2013
More results


Similar Description - L9958

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9230 STMICROELECTRONICS-L9230 Datasheet
218Kb / 25P
SPI CONTROLLED H-BRIDGE
Mar-2003
L9929 STMICROELECTRONICS-L9929 Datasheet
629Kb / 23P
SPI CONTROLLED H-BRIDGE
13-May-2005
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
IFX9201SG INFINEON-IFX9201SG_15 Datasheet
1Mb / 27P
6 A H-Bridge with SPI
Rev. 1.1, 2015-02-15
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
SPI Programmable H-Bridge
Rev. 1.4, October 2014
TLE9201SG INFINEON-TLE9201SG Datasheet
1Mb / 26P
6 A H-Bridge with SPI
Rev. 1.0, 2014-02-25
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
IFX9202ED INFINEON-IFX9202ED Datasheet
1Mb / 28P
Dual 6 A H-Bridge With SPI
Rev. 1.0 2016-12-01
logo
ON Semiconductor
NCV7535 ONSEMI-NCV7535 Datasheet
305Kb / 21P
SPI Controlled H-bridge and Dual-Half Bridge Pre-Driver
February, 2018 ??Rev. 1
logo
STMicroelectronics
L9958 STMICROELECTRONICS-L9958 Datasheet
766Kb / 38P
Low RDSON SPI controlled H-Bridge
05-Dec-2013
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com