Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9958
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958 Datasheet(HTML) 1 Page - STMicroelectronics

  L9958 Datasheet HTML 1Page - STMicroelectronics L9958 Datasheet HTML 2Page - STMicroelectronics L9958 Datasheet HTML 3Page - STMicroelectronics L9958 Datasheet HTML 4Page - STMicroelectronics L9958 Datasheet HTML 5Page - STMicroelectronics L9958 Datasheet HTML 6Page - STMicroelectronics L9958 Datasheet HTML 7Page - STMicroelectronics L9958 Datasheet HTML 8Page - STMicroelectronics L9958 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
This is information on a product in full production.
September 2013
Doc ID 17269 Rev 5
1/38
1
L9958
Low RDSON SPI controlled H-Bridge
Datasheet
− production data
Features
■
Programmable current regulation peak
threshold by SPI up to 8.6 A typ.
■
Operating battery supply voltage 4.0 V to 28 V
■
Operating Vdd supply voltage 4.5 V to 5.5 V
■
All pins withstand 19 V, Vs and output pins
withstand 40 V
■
Full path Ron from 100 mΩ (at Tj = -40 °C) to
300 m
Ω (at Tj =150 °C)
■
Logic inputs TTL/CMOS-compatible
■
Operating frequency up to 20 kHz
■
16-bit SPI interface for
configuration/diagnostics, daisy chain
capability
■
Over temperature and short circuit protection
■
VS undervoltage disable function
■
Vdd undervoltage and overvoltage protection
■
Vdd overvoltage detection
■
Open-load detection in ON condition
■
Full diagnostics in OFF state
■
Enable and disable input
■
Low stand by current (<10 µA)
■
Voltage and current slew-rate control for low
EMI, programmable through SPI
■
Available in three power packages
Description
The L9958 is an SPI controlled H-Bridge,
designed for the control of DC and stepper motors
in safety critical applications and under extreme
environmental conditions.
The H-Bridge is protected against over
temperature, short circuits and has an
undervoltage lockout for all the supply voltages Vs
and Vdd, and for overvoltage on Vdd. All
malfunctions cause the output stages to go
tristate.
Detailed failure diagnostics on each channel is
provided via SPI: short circuit to battery, short
circuit to ground, short circuit overload, over
temperature.
Open-load can be detected in ON condition, for
the widest application ranges. Current regulation
threshold can be set by SPI from 2.5 A to 8.6 A
(Typ.), in 4 steps. Guaranteed accuracy is ±10 %
on all temp range, using an external reference
resistor with 1% accuracy over all temp range.
Current limitation threshold is linearly reduced by
temperature over 165 °C.and a thermal warning
bit is set by SPI. The H-Bridge contains integrated
free-wheel diodes. In case of free-wheeling
condition, the low side transistor is switched on in
parallel of its diode to reduce power dissipation.
A multiple wire bonding technique, as well as ST
proprietary package design is making L9958
compatible with three power packages, for
maximum flexibility:
PowerSO-20 package (medium power, JEDEC
standard MO166);
PowerSO16 package (medium power, lower
cost);
PowerSSO24 package (low power, very low cost
JEDEC standard MO271A).
Table 1.
Device summary
Order code
Package
Packing
L9958
PowerSO-20
Tube
L9958SB
PowerSO16
Tube
L9958XP
PowerSSO24
Tube
PowerSO-20 PowerSSO24
PowerSO16
www.st.com


Similar Part No. - L9958

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9958 STMICROELECTRONICS-L9958 Datasheet
766Kb / 38P
Low RDSON SPI controlled H-Bridge
05-Dec-2013
More results

Similar Description - L9958

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9230 STMICROELECTRONICS-L9230 Datasheet
218Kb / 25P
SPI CONTROLLED H-BRIDGE
Mar-2003
L9929 STMICROELECTRONICS-L9929 Datasheet
629Kb / 23P
SPI CONTROLLED H-BRIDGE
13-May-2005
logo
Infineon Technologies A...
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
IFX9201SG INFINEON-IFX9201SG_15 Datasheet
1Mb / 27P
6 A H-Bridge with SPI
Rev. 1.1, 2015-02-15
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
SPI Programmable H-Bridge
Rev. 1.4, October 2014
TLE9201SG INFINEON-TLE9201SG Datasheet
1Mb / 26P
6 A H-Bridge with SPI
Rev. 1.0, 2014-02-25
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
IFX9202ED INFINEON-IFX9202ED Datasheet
1Mb / 28P
Dual 6 A H-Bridge With SPI
Rev. 1.0 2016-12-01
logo
ON Semiconductor
NCV7535 ONSEMI-NCV7535 Datasheet
305Kb / 21P
SPI Controlled H-bridge and Dual-Half Bridge Pre-Driver
February, 2018 ??Rev. 1
logo
STMicroelectronics
L9958 STMICROELECTRONICS-L9958 Datasheet
766Kb / 38P
Low RDSON SPI controlled H-Bridge
05-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com