Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958 Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9958
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9958 Datasheet HTML 21Page - STMicroelectronics L9958 Datasheet HTML 22Page - STMicroelectronics L9958 Datasheet HTML 23Page - STMicroelectronics L9958 Datasheet HTML 24Page - STMicroelectronics L9958 Datasheet HTML 25Page - STMicroelectronics L9958 Datasheet HTML 26Page - STMicroelectronics L9958 Datasheet HTML 27Page - STMicroelectronics L9958 Datasheet HTML 28Page - STMicroelectronics L9958 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
L9958
Electrical specifications
Doc ID 17269 Rev 5
25/38
6
Electrical specifications
6.1
Absolute maximum ratings
The component must withstand the overall following stimulus without any damage or latch-
up. Beyond these values, damage to the component may occur.
Note:
In case of load dump condition, status of device outputs is kept unchanged.
6.2
Thermal data
Table 15.
Absolute maximum ratings
Symbol
Parameter
Test condition
Min.
Max.
Unit
Vps
Supply voltage
Continuous
Transient (0.5 s; I
≤ 10 A)
-1
-2
40
40
V
Vdd
Logic supply voltage
0 V < Vps < 40 V
-0.3
19
V
Vddio
SDO supply voltage
0 V < Vps < 40 V
-0.3
19
V
Vi
Logic input voltage
0 V < Vps < 40 V
0 V < Vdd < 19 V
-0.3
19
V
Vo
Logic output voltage
0 V < Vps < 40 V
0 V < Vdd < 18.7V
-0.3
Vddio+0.3
V
Output pins
(OUTx, VPS) ESD Compliance
EIA/JESD22-A114-B
±4
-
kV
Input pins
±2
-
-
ISO 7637 pulses
Cf. standards
-
-
-
-
Latch-up immunity
Jedec standard
-100
+100
mA
Table 16.
Thermal data
Symbol
Parameter
Test condition
Min.
Max.
Unit
Tj
Junction temperature
Failure condition
-40
OTsd
°C
Lifetime
-40
150
Tstg
Storage temperature
-
-55
150
°C
Tamb
Ambient temperature
0 V < Vps < 40 V
-40
125
°C
Rthj-case
Thermal resistance junction to
case(1)
Package PowerSO-20
-
1
°C/W
Package PowerSO16
-
1
Package PowerSSO24
-
2
1.
Guaranteed by design and package characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com