Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9958 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9958
Description  Low RDSON SPI controlled H-Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9958 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9958 Datasheet HTML 6Page - STMicroelectronics L9958 Datasheet HTML 7Page - STMicroelectronics L9958 Datasheet HTML 8Page - STMicroelectronics L9958 Datasheet HTML 9Page - STMicroelectronics L9958 Datasheet HTML 10Page - STMicroelectronics L9958 Datasheet HTML 11Page - STMicroelectronics L9958 Datasheet HTML 12Page - STMicroelectronics L9958 Datasheet HTML 13Page - STMicroelectronics L9958 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Device description
L9958
10/38
Doc ID 17269 Rev 5
3
Device description
3.1
Supply range
The L9958 has an operating supply range from "Vs_uv" (battery monitoring) up to 28 V.
However, the device is tested until 16 V; the functionality of the device is guaranteed until
28 V. The absolute maximum rating is defined to 40 V DC.
3.2
Control inputs
The bridge is controlled by the Inputs PWM, DIR, EN and DI.
All the digital inputs and outputs of the L9958 are compatible with 3.3 V and 5 V CMOS. The
power stages output OUT1 and OUT2 are controlled by the direct inputs DIR and PWM as
given in Table 5. The DIR input gives the direction of output current, while the PWM input
controls whether the current is increased or reduced.
3.2.1
DI and EN inputs
The pin DI is internally pulled-up and high active. When DI is active (set to HIGH), the bridge
is set to tristate, whatever the state of the DIR and PWM inputs. All the data stored in SPI
registers are not reset and SPI communication with the MCU is still possible. When DI is
inactive (set to LOW), the bridge is controlled by the DIR and PWM inputs.
The pin EN is internally pulled down and high active. When EN is inactive (set to LOW), the
bridge is set to tri-state, whatever the state of the DIR and PWM inputs. All the data stored in
SPI registers are not reset and SPI communication with the MCU is still possible. When EN
is active (set to HIGH), the bridge is controlled by the DIR and PWM inputs. The coding is
performed as shown in the next table. The state of the bridge is transferred in the diagnostic
register in a bit called "ACT".
Table 5.
Control pins EN, DI
EN
DI
Bit “ACT”
Bridge status
0
0
0
Tri-state
0
1
0
Tri-state
10
1
On-state
1
1
0
Tri-state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com