Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT04 Datasheet (PDF) - Analog Devices

MAT04 Datasheet PDF - Analog Devices
Part # MAT04
Download  MAT04 Download
File Size   842.45 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Matched Monolithic Quad Transistor

MAT04 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAT04 Datasheet PDF - Analog Devices

Part # MAT04
Download  MAT04 Click to download

File Size   842.45 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Matched Monolithic Quad Transistor

MAT04 Datasheet (HTML) - Analog Devices


MAT04 Product details

PRODUCT DESCRIPTION

The MAT04 is a quad monolithic NPN transistor that offers excellent parametric matching for precision amplifier and nonlinear circuit applications. Performance characteristics of the MAT04 include high gain (400 minimum) over a wide range of collector current, low noise (2.5 nV/√Hz maximum at 100 Hz, IC = 1 mA) and excellent logarithmic conformance. The MAT04 also features a low offset voltage of 200 µV and tight current gain matching, to within 2%. Each transistor of the MAT04 is individually tested to data sheet specifications. For matching parameters (offset voltage, input offset current, and gain match), each of the dual transistor combinations are verified to meet stated limits. Device performance is guaranteed at 25°C and over the industrial and military temperature ranges.



FEATURES

  Low Offset Voltage: 200 μV max

  High Current Gain: 400 min

  Excellent Current Gain Match: 2% max

  Low Noise Voltage at 100 Hz, 1 mA: 2.5 nV/√Hz max

  Excellent Log Conformance: rBE = 0.6 Ω max

  Matching Guaranteed for All Transistors

  Available in Die Form



 




Similar Part No. - MAT04

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT04 AD-MAT04 Datasheet
860Kb / 12P
Matched Monolithic Quad Transistor
MAT04EY AD-MAT04EY Datasheet
860Kb / 12P
Matched Monolithic Quad Transistor
MAT04FP AD-MAT04FP Datasheet
860Kb / 12P
Matched Monolithic Quad Transistor
MAT04FS AD-MAT04FS Datasheet
860Kb / 12P
Matched Monolithic Quad Transistor
MAT04FY AD-MAT04FY Datasheet
860Kb / 12P
Matched Monolithic Quad Transistor
More results


Similar Description - MAT04

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT-04 AD-MAT-04 Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
MAT01 AD-MAT01 Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT04 AD-MAT04 Datasheet
860Kb / 12P
Matched Monolithic Quad Transistor
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT14 AD-MAT14 Datasheet
190Kb / 12P
Matched Monolithic Quad Transistor
REV. A
MAT01GHZ AD-MAT01GHZ Datasheet
261Kb / 12P
Matched Monolithic Dual Transistor
Rev. C
MAT01 AD-MAT01_15 Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT04 AD-MAT04_15 Datasheet
854Kb / 12P
Matched Monolithic Quad Transistor
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com