Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA107-310 Datasheet (PDF) - Alpha Industries

AA107-310 Datasheet PDF - Alpha Industries
Part # AA107-310
Download  AA107-310 Download
File Size   74.8 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 5 Bit Digital Attenuator With Serial-to-Parallel Driver DC-2 GHz

AA107-310 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA107-310 Datasheet PDF - Alpha Industries

Part # AA107-310
Download  AA107-310 Click to download

File Size   74.8 Kbytes
Page   3 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description GaAs IC 5 Bit Digital Attenuator With Serial-to-Parallel Driver DC-2 GHz

AA107-310 Datasheet (HTML) - Alpha Industries


AA107-310 Product details

Description
The AA107-310 is a GaAs FET IC 5 bit digital attenuator with a serial-to-parallel driver packaged in a 32 leadless exposed pad plastic package. It is particularly suited at IF frequencies where high attenuation accuracy, low insertion loss and low intermodulation products are required.Typical applications include base station, wireless and RF data and wireless local loop gain control circuits.

Features
■ Positive Voltage Operation (+5 V)
■ MLF 5 x 5 mm Leadless Package
■ Integrated Silicon Serial-to-Parallel Driver
■ Attenuation 0.5 dB Steps to 15.5 dB




Similar Part No. - AA107-310

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA107-310 SKYWORKS-AA107-310 Datasheet
159Kb / 6P
GaAs IC 5-Bit Digital Attenuator with Serial-to-Parallel Driver 300 kHz-2 GHz
AA107-310LF SKYWORKS-AA107-310LF Datasheet
159Kb / 6P
GaAs IC 5-Bit Digital Attenuator with Serial-to-Parallel Driver 300 kHz-2 GHz
More results


Similar Description - AA107-310

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA109-310 ALPHA-AA109-310 Datasheet
77Kb / 3P
GaAs IC 5 Bit Digital Attenuator With Serial-to-Parallel Driver 0.5-2.5 GHz
AA110-85 ALPHA-AA110-85 Datasheet
35Kb / 2P
GaAs IC 5 Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA280-25 ALPHA-AA280-25 Datasheet
467Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
logo
Tyco Electronics
MADA2030G MACOM-MADA2030G Datasheet
98Kb / 2P
5-Bit GaAs Digital Attenuator DC - 2 GHz
logo
Skyworks Solutions Inc.
AA117-85 SKYWORKS-AA117-85 Datasheet
947Kb / 6P
GaAs IC 5 Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
AA107-310 SKYWORKS-AA107-310 Datasheet
159Kb / 6P
GaAs IC 5-Bit Digital Attenuator with Serial-to-Parallel Driver 300 kHz-2 GHz
AA109-310 SKYWORKS-AA109-310 Datasheet
172Kb / 6P
GaAs IC 5-Bit Digital Attenuator With Serial-to-Parallel Driver 0.5-2.5 GHz
AA110-85 SKYWORKS-AA110-85 Datasheet
791Kb / 8P
GaAs IC 5-Bit Digital Attenuator with Driver 1 dB LSB Positive Control DC-2 GHz
SKY12334-362LF SKYWORKS-SKY12334-362LF Datasheet
990Kb / 10P
GaAs 5 Bit Digital Attenuator, 5-Bits, 0.5 dB LSB with Serial-to-Parallel Driver 0.7 - 4 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com