Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6883 Datasheet (PDF) - 3M Electronics

6883 Datasheet PDF - 3M Electronics
Part # 6883
Download  6883 Download
File Size   128.32 Kbytes
Page   1 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Dual Binding Posts with Base (raised base)

6883 Datasheet (PDF)

Go To PDF Page Download Datasheet
6883 Datasheet PDF - 3M Electronics

Part # 6883
Download  6883 Click to download

File Size   128.32 Kbytes
Page   1 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Dual Binding Posts with Base (raised base)

6883 Datasheet (HTML) - 3M Electronics


6883 Product details

Features
■ 5-way binding post with 0.154” cross-hole that accepts up to 12 AWG wire and standard banana plugs.
■ Posts are spaced at the standard ¾” inch spacing to mate to dual banana plugs.
■ 30 A current rating. USA: Sales: 800-490-2361 Technical Support: 800-241All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
■ Materials
■ Posts are made of nickel-plated brass.
■ Insulators and base are made of nylon. Ordering Information Model: 6883, 6884 Specifications Current rating 30 A at low voltage Voltage rating 500 V dc at low current Wire gauge Up to 12 AWG Operating temperature Up to 70 ˚C 2060 Fax: 888-403-3360 Europe: 31-(0) 40 2675 150 International: 425-446-5500 e-mail: technicalsupport@pomonatest.com Where to Buy: www.pomonaelectronics.com .xxx = ± .005” (,127 mm). All specifications are to the latest revisions. Specifications are subject to change without notice. Registered trademarks are the property of their respective companies. Copyright © 2004 11/2004 2417073 D-ENG-N Rev A Page 1 of 1




Similar Part No. - 6883

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
688 MICROSEMI-688 Datasheet
69Kb / 2P
RECTIFIERS ASSEMBLIES
logo
Littelfuse
688 LITTELFUSE-688 Datasheet
685Kb / 3P
688 Series Lead-Free, 6x25mm Fuse
logo
Belden Inc.
688 BELDEN-688 Datasheet
493Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
TT Electronics.
688 TTELEC-688 Datasheet
167Kb / 4P
Nichrome Resistor Networks on Ceramic Substrates
10.13
logo
Microsemi Corporation
688-10 MICROSEMI-688-10 Datasheet
69Kb / 2P
RECTIFIERS ASSEMBLIES
More results


Similar Description - 6883

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1286 POMONA-1286 Datasheet
35Kb / 1P
Double Banana Plug With Binding Posts
2383 POMONA-2383 Datasheet
33Kb / 1P
Miniature Insulating Binding Post With Double Mounting Base
3862 POMONA-3862 Datasheet
23Kb / 1P
Double Mounting Base For Standard Binding Post
3863 POMONA-3863 Datasheet
24Kb / 1P
Triple Mounting Base For Standard Binding Post
4619 POMONA-4619 Datasheet
28Kb / 1P
Mounting Base Double Banana Jack & Binding Post, Miniature
2440-0 POMONA-2440-0 Datasheet
33Kb / 1P
Model 2383 & 2440 Miniature Insulating Binding Post With Double Mounting Base
logo
WECO ELECTRICAL CONNECT...
323-FU-16.5 WECO-323-FU-16.5 Datasheet
124Kb / 1P
Socket terminal strip Screw connection, with 2,2 mm raised base
04.19
323-FU-18.5 WECO-323-FU-18.5 Datasheet
123Kb / 1P
Socket terminal strip Screw connection, with 4,2 mm raised base
12.17
324-FU WECO-324-FU Datasheet
121Kb / 1P
Socket terminal strip Screw connection, with raised base
04.19
327-FU WECO-327-FU Datasheet
111Kb / 1P
Socket terminal strip Screw connection, with raised base
04.19
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com