Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6883 Datasheet(PDF) 1 Page - 3M Electronics

Part # 6883
Description  Dual Binding Posts with Base (raised base)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6883 Datasheet(HTML) 1 Page - 3M Electronics

  6883 Datasheet HTML 1Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Models 6883, 6884
Dual Binding Posts with Base (raised base)
Model 6883 Dual Binding Posts
Model 6884 Dual Binding Posts with Raised Base
Use as an ideal interconnect
Features
•
5-way binding post with 0.154” cross-hole that
accepts up to 12 AWG wire and standard banana
plugs.
•
Posts are spaced at the standard ¾” inch spacing
to mate to dual banana plugs.
•
30 A current rating.
USA: Sales: 800-490-2361 Technical Support: 800-241-
All dimensions are in inches. Tolerances (except noted): .xx = ±.02” (,51 mm),
Materials
• Posts are made of nickel-plated brass.
• Insulators and base are made of nylon.
Ordering Information
Model: 6883, 6884
Specifications
Current rating
30 A at low voltage
Voltage rating
500 V dc at low
current
Wire gauge
Up to 12 AWG
Operating temperature
Up to 70 ˚C
2060
Fax: 888-403-3360
Europe: 31-(0) 40 2675 150
International: 425-446-5500
e-mail: technicalsupport@pomonatest.com
Where to Buy: www.pomonaelectronics.com
.xxx = ± .005” (,127 mm). All specifications are to the latest revisions.
Specifications are subject to change without notice. Registered trademarks
are the property of their respective companies.
Copyright © 2004 11/2004 2417073 D-ENG-N Rev A
Page 1 of 1


Similar Part No. - 6883

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
688 MICROSEMI-688 Datasheet
69Kb / 2P
RECTIFIERS ASSEMBLIES
logo
Littelfuse
688 LITTELFUSE-688 Datasheet
685Kb / 3P
688 Series Lead-Free, 6x25mm Fuse
logo
Belden Inc.
688 BELDEN-688 Datasheet
493Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
TT Electronics.
688 TTELEC-688 Datasheet
167Kb / 4P
Nichrome Resistor Networks on Ceramic Substrates
10.13
logo
Microsemi Corporation
688-10 MICROSEMI-688-10 Datasheet
69Kb / 2P
RECTIFIERS ASSEMBLIES
More results

Similar Description - 6883

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1286 POMONA-1286 Datasheet
35Kb / 1P
Double Banana Plug With Binding Posts
2383 POMONA-2383 Datasheet
33Kb / 1P
Miniature Insulating Binding Post With Double Mounting Base
3862 POMONA-3862 Datasheet
23Kb / 1P
Double Mounting Base For Standard Binding Post
3863 POMONA-3863 Datasheet
24Kb / 1P
Triple Mounting Base For Standard Binding Post
4619 POMONA-4619 Datasheet
28Kb / 1P
Mounting Base Double Banana Jack & Binding Post, Miniature
2440-0 POMONA-2440-0 Datasheet
33Kb / 1P
Model 2383 & 2440 Miniature Insulating Binding Post With Double Mounting Base
logo
WECO ELECTRICAL CONNECT...
323-FU-16.5 WECO-323-FU-16.5 Datasheet
124Kb / 1P
Socket terminal strip Screw connection, with 2,2 mm raised base
04.19
323-FU-18.5 WECO-323-FU-18.5 Datasheet
123Kb / 1P
Socket terminal strip Screw connection, with 4,2 mm raised base
12.17
324-FU WECO-324-FU Datasheet
121Kb / 1P
Socket terminal strip Screw connection, with raised base
04.19
327-FU WECO-327-FU Datasheet
111Kb / 1P
Socket terminal strip Screw connection, with raised base
04.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com