Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5171BRJ5-R Datasheet (PDF) - Analog Devices

AD5171BRJ5-R Datasheet PDF - Analog Devices
Part # AD5171BRJ5-R
Download  AD5171BRJ5-R Download
File Size   996.04 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 64-Position OTP Digital Potentiometer

AD5171BRJ5-R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5171BRJ5-R Datasheet PDF - Analog Devices

Part # AD5171BRJ5-R
Download  AD5171BRJ5-R Click to download

File Size   996.04 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 64-Position OTP Digital Potentiometer

AD5171BRJ5-R Datasheet (HTML) - Analog Devices


AD5171BRJ5-R Product details

GENERAL DESCRIPTION
The AD5171 is a 64-position, one-time programmable (OTP) digital potentiometer 2 that uses fuse link technology to achieve the memory retention of the resistance setting function. OTP is a cost-effective alternative over the EEMEM approach for users who do not need to reprogram new memory settings in the digital potentiometer. This device performs the same electronic adjustment function as most mechanical trimmers and variable resistors.

FEATURES
    64 position
    One-time programmable (OTP) set-and-forget resistance setting—low cost alternative over EEMEM
    Unlimited adjustments prior to OTP activation
    5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ end-to-end resistance
    Low temperature coefficient: 5 ppm/°C in potentiometer mode
    Low temperature coefficient: 35 ppm/°C in rheostat mode
    Compact standard 8-lead SOT-23 package
    Low power: IDD = 10 μA maximum
    Fast settling time: tS = 5 μs typical in power-up
    I2C-compatible digital interface
    Computer software replaces microcontroller in factory programming applications
    Full read/write of wiper register
    Extra I2C device address pin
    Low operating voltage: 2.7 V to 5.5 V
    OTP validation check function
    Automotive temperature range: −40°C to +125°C

APPLICATIONS
    System calibrations
    Electronics level settings
    Mechanical trimmers and potentiometer replacements
    Automotive electronics adjustments
    Gain control and offset adjustments
    Transducer circuit adjustments
    Programmable filters up to 1.5 MHz BW 1




Similar Part No. - AD5171BRJ5-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5171BRJ5-R2 AD-AD5171BRJ5-R2 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
AD5171BRJ5-RL7 AD-AD5171BRJ5-RL7 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
More results


Similar Description - AD5171BRJ5-R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5203 AD-AD5203 Datasheet
259Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV.0
AD5171 AD-AD5171 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
AD5273 AD-AD5273 Datasheet
987Kb / 20P
64-Position OTP Digital Potentiometer
REV.0
AD5258 AD-AD5258 Datasheet
1Mb / 24P
Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
3/05-Revision 0
AD5227 AD-AD5227 Datasheet
384Kb / 16P
64-Position Up/Down Control Digital Potentiometer
REV. B
AD5203ARUZ100 AD-AD5203ARUZ100 Datasheet
246Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5227BUJZ100 AD-AD5227BUJZ100 Datasheet
384Kb / 16P
64-Position Up/DownControl Digital Potentiometer
REV. B
AD5171 AD-AD5171_15 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5203 AD-AD5203_15 Datasheet
262Kb / 12P
4-Channel, 64-Position Digital Potentiometer
REV. 0
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com