Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5171BRJ5-R Datasheet(PDF) 2 Page - Analog Devices

Part # AD5171BRJ5-R
Description  64-Position OTP Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171BRJ5-R Datasheet(HTML) 2 Page - Analog Devices

  AD5171BRJ5-R Datasheet HTML 1Page - Analog Devices AD5171BRJ5-R Datasheet HTML 2Page - Analog Devices AD5171BRJ5-R Datasheet HTML 3Page - Analog Devices AD5171BRJ5-R Datasheet HTML 4Page - Analog Devices AD5171BRJ5-R Datasheet HTML 5Page - Analog Devices AD5171BRJ5-R Datasheet HTML 6Page - Analog Devices AD5171BRJ5-R Datasheet HTML 7Page - Analog Devices AD5171BRJ5-R Datasheet HTML 8Page - Analog Devices AD5171BRJ5-R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
AD5171
Rev. D | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics: 5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ .. 3
 
Timing Characteristics: 5 kΩ, 10 kΩ, 50 kΩ, and 100 kΩ...... 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ............................................. 8
 
Theory of Operation ...................................................................... 12
 
One-Time Programming (OTP) .............................................. 12
 
Variable Resistance and Voltage for Rheostat Mode ............. 13
 
Variable Resistance and Voltage for Potentiometer Mode.... 13
 
Power Supply Considerations ................................................... 14
 
ESD Protection ........................................................................... 14
 
Terminal Voltage Operating Range.......................................... 15
 
Power-Up/Power-Down Sequences......................................... 15
 
Controlling the AD5171................................................................ 16
 
Software Programming ............................................................. 16
 
Device Programming................................................................. 16
 
I2C Controller Programming.................................................... 17
 
I2C-Compatible 2-Wire Serial Bus........................................... 17
 
Controlling Two Devices on One Bus ..................................... 18
 
Applications Information .............................................................. 19
 
DAC.............................................................................................. 19
 
Gain Control Compensation .................................................... 19
 
Programmable Voltage Source with Boosted Output ........... 19
 
Level Shifting for Different Voltage Operation ...................... 19
 
Resistance Scaling ...................................................................... 19
 
Resolution Enhancement .......................................................... 20
 
RDAC Circuit Simulation Model............................................. 20
 
Evaluation Board ............................................................................ 21
 
Outline Dimensions ....................................................................... 22
 
Ordering Guide .......................................................................... 22
 
REVISION HISTORY
7/08—Rev. C to Rev. D
Changes to Power Supplies Parameter in Table 1.........................3
Updated Fuse Blow Condition to 400 ms Throughout ...............5
1/08—Rev. B to Rev. C
Updated Format..................................................................Universal
Deleted Note 1; Renumbered Sequentially ................................... 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 5
Changes to Table 3............................................................................ 6
Changes to Table 4............................................................................ 7
Changes to Figure 13 to Figure 16.................................................. 9
Changes to Figure 17 and Figure 18............................................. 10
Inserted Figure 24........................................................................... 11
Changes to One-Time Programming (OTP) Section and Power
Supply Considerations Section ..................................................... 12
Deleted Figure 25 and Figure 26................................................... 13
Updated Outline Dimensions ....................................................... 22
Changes to Ordering Guide .......................................................... 22
1/05—Rev. A to Rev. B
Change to Features ............................................................................1
Changes to Electrical Characteristics .............................................3
Change to Table 3 ..............................................................................6
Changes to Power Supply Considerations Section .................... 13
Changes to Level Shifting for Different Voltage Operation
Section.............................................................................................. 19
Added Note to Ordering Guide.................................................... 22
11/04—Rev. 0 to Rev. A
Changes to Specifications.................................................................3
Changes to Table 3.............................................................................7
Changes to One-Time Programming Section ............................ 11
Changes to Power Supply Consideration Section ...................... 11
Changes to Figure 26 and Figure 27............................................. 12
1/04—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com