Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5171BRJ5-R Datasheet(PDF) 11 Page - Analog Devices

Part # AD5171BRJ5-R
Description  64-Position OTP Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171BRJ5-R Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5171BRJ5-R Datasheet HTML 7Page - Analog Devices AD5171BRJ5-R Datasheet HTML 8Page - Analog Devices AD5171BRJ5-R Datasheet HTML 9Page - Analog Devices AD5171BRJ5-R Datasheet HTML 10Page - Analog Devices AD5171BRJ5-R Datasheet HTML 11Page - Analog Devices AD5171BRJ5-R Datasheet HTML 12Page - Analog Devices AD5171BRJ5-R Datasheet HTML 13Page - Analog Devices AD5171BRJ5-R Datasheet HTML 14Page - Analog Devices AD5171BRJ5-R Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5171
Rev. D | Page 11 of 24
0.01
1
0.1
10
32
24
816
0
40485664
CODE (DECIMAL)
VA = VB = OPEN
TA = 25°C
RAB = 100kΩ
RAB = 50kΩ
RAB = 10kΩ
RAB = 5kΩ
CH1 20.0mAΩ
M 200ns
A CH1
32.4mA
1
T
588.000ns
CH1 MAX
103mA
CH1 MIN
–1.98mA
Figure 24. OTP Program Energy Plot for Single Fuse
Figure 23. Theoretical IWB_MAX vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com