Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5171BRJ5-R Datasheet(PDF) 3 Page - Analog Devices

Part # AD5171BRJ5-R
Description  64-Position OTP Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171BRJ5-R Datasheet(HTML) 3 Page - Analog Devices

  AD5171BRJ5-R Datasheet HTML 1Page - Analog Devices AD5171BRJ5-R Datasheet HTML 2Page - Analog Devices AD5171BRJ5-R Datasheet HTML 3Page - Analog Devices AD5171BRJ5-R Datasheet HTML 4Page - Analog Devices AD5171BRJ5-R Datasheet HTML 5Page - Analog Devices AD5171BRJ5-R Datasheet HTML 6Page - Analog Devices AD5171BRJ5-R Datasheet HTML 7Page - Analog Devices AD5171BRJ5-R Datasheet HTML 8Page - Analog Devices AD5171BRJ5-R Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD5171
Rev. D | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS: 5 kΩ, 10 kΩ, 50 kΩ, AND 100 kΩ
VDD = 3 V to 5 V ± 10%, VA = VDD, VB = 0 V, −40°C < TA < +125°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS RHEOSTAT MODE
Resistor Differential Nonlinearity2
R-DNL
RWB, VA = no connect,
RAB = 10 kΩ, 50 kΩ, and 100 kΩ
−0.5
±0.1
+0.5
LSB
RWB, VA = no connect, RAB = 5 kΩ
−1
±0.25
+1
LSB
Resistor Integral Nonlinearity2
R-INL
RWB, VA = no connect,
RAB = 10 kΩ, 50 kΩ, and 100 kΩ
−1.5
±0.35
+1.5
LSB
RWB, VA = no connect, RAB = 5 kΩ
−1.5
±0.5
+1.5
LSB
Nominal Resistor Tolerance3
∆RAB/RAB
−30
+30
%
Resistance Temperature Coefficient
(∆RAB/RAB)/∆T
35
ppm/°C
Wiper Resistance
RW
VDD = 5 V
60
115
Ω
DC CHARACTERISTICS POTENTIOMETER DIVIDER
MODE (SPECIFICATIONS APPLY TO ALL RDACs)
Resolution
N
6
Bits
Differential Nonlinearity4
DNL
−0.5
±0.1
+0.5
LSB
Integral Nonlinearity4
INL
−1
±0.2
+1
LSB
Voltage Divider Temperature Coefficient
(∆VW/VW)/∆T
Code = 0x20
5
ppm/°C
Full-Scale Error
VWFSE
Code = 0x3F, RAB = 10 kΩ,
50 kΩ, and 100 kΩ
−1
−0.5
0
LSB
Full-Scale Error
VWFSE
Code = 0x3F, RAB = 5 kΩ
−1.5
0
LSB
Zero-Scale Error
VWZSE
Code = 0x00, RAB =10 kΩ,
50 kΩ, and 100 kΩ
0
0.5
1
LSB
Code = 0x00, RAB = 5 kΩ
0
2
LSB
RESISTOR TERMINALS
Voltage Range5
VA, VB, VW
With respect to GND
VDD
V
Capacitance A, B6
CA, CB
f = 1 MHz, measured to GND,
code = 0x20
25
pF
Capacitance W6
CW
f = 1 MHz, measured to GND,
code = 0x20
55
pF
Common-Mode Leakage
ICM
VA = VB = VDD/2
1
nA
DIGITAL INPUTS
Input Logic High (SDA and SCL)7
VIH
0.7 VDD
VDD + 0.5
V
Input Logic Low (SDA and SCL)7
VIL
−0.5
+0.3 VDD
V
Input Logic High (AD0)
VIH
VDD = 3 V
3.0
VDD
V
Input Logic Low (AD0)
VIL
VDD = 3 V
0
1.0
V
Input Current
IIL
VIN = 0 V or 5 V
±1
μA
Input Capacitance8
CIL
3
pF
DIGITAL OUTPUTS
Output Logic Low (SDA)
VOL
IOL = 6 mA
0.4
V
Three-State Leakage Current (SDA)
IOZ
VIN = 0 V or 5 V
±1
μA
Output Capacitance8
COZ
3
pF
POWER SUPPLIES
Power Supply Range
VDD
2.7
5.5
V
OTP Power Supply7, 9
VDD_OTP
TA = 25°C
4.75
5
5.25
V
Supply Current
IDD
VIH = 5 V or VIL = 0 V
4
10
μA
OTP Supply Current7, 10, 11
IDD_OTP
VDD_OTP = 5 V, TA = 25°C
100
mA
Power Dissipation12
PDISS
VIH = 5 V or VIL = 0 V, VDD = 5 V
0.02
0.0
55
mW
Power Supply Sensitivity
PSSR
−0.025
+0.001
+0.025
%/%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com