Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5171BRJ5-R Datasheet(PDF) 22 Page - Analog Devices

Part # AD5171BRJ5-R
Description  64-Position OTP Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5171BRJ5-R Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5171BRJ5-R Datasheet HTML 16Page - Analog Devices AD5171BRJ5-R Datasheet HTML 17Page - Analog Devices AD5171BRJ5-R Datasheet HTML 18Page - Analog Devices AD5171BRJ5-R Datasheet HTML 19Page - Analog Devices AD5171BRJ5-R Datasheet HTML 20Page - Analog Devices AD5171BRJ5-R Datasheet HTML 21Page - Analog Devices AD5171BRJ5-R Datasheet HTML 22Page - Analog Devices AD5171BRJ5-R Datasheet HTML 23Page - Analog Devices AD5171BRJ5-R Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD5171
Rev. D | Page 22 of 24
OUTLINE DIMENSIONS
13
5
6
2
8
4
7
2.90 BSC
1.60 BSC
1.95
BSC
0.65 BSC
0.38
0.22
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
0.22
0.08
0.60
0.45
0.30
8°
4°
0°
2.80 BSC
PIN 1
INDICATOR
COMPLIANT TO JEDEC STANDARDS MO-178-BA
Figure 50. 8-Lead Small Outline Transistor Package [SOT-23]
(RJ-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
RAB (kΩ)
Temperature Range
Package Description
Package Option
Ordering Quantity
Branding
AD5171BRJ5-R2
5
−40°C to +125°C
8-Lead SOT-23
RJ-8
250
D12
AD5171BRJ5-RL7
5
−40°C to +125°C
8-Lead SOT-23
RJ-8
3000
D12
AD5171BRJZ5-R22
5
−40°C to +125°C
8-Lead SOT-23
RJ-8
250
D12#
AD5171BRJZ5-R72
5
−40°C to +125°C
8-Lead SOT-23
RJ-8
3000
D12#
AD5171BRJ10-R2
10
−40°C to +125°C
8-Lead SOT-23
RJ-8
250
D13
AD5171BRJ10-RL7
10
−40°C to +125°C
8-Lead SOT-23
RJ-8
3000
D13
AD5171BRJZ10-R22
10
−40°C to +125°C
8-Lead SOT-23
RJ-8
250
D13#
AD5171BRJZ10-R72
10
−40°C to +125°C
8-Lead SOT-23
RJ-8
3000
D13#
AD5171BRJ50-R2
50
−40°C to +125°C
8-Lead SOT-23
RJ-8
250
D14
AD5171BRJ50-RL7
50
−40°C to +125°C
8-Lead SOT-23
RJ-8
3000
D14
AD5171BRJZ50-R22
50
−40°C to +125°C
8-Lead SOT-23
RJ-8
250
D14#
AD5171BRJZ50-R72
50
−40°C to +125°C
8-Lead SOT-23
RJ-8
3000
D14#
AD5171BRJ100-R2
100
−40°C to +125°C
8-Lead SOT-23
RJ-8
250
D15
AD5171BRJ100-RL7
100
−40°C to +125°C
8-Lead SOT-23
RJ-8
3000
D15
AD5171BRJZ100-R22
100
−40°C to +125°C
8-Lead SOT-23
RJ-8
250
D15#
AD5171BRJZ100-R72
100
−40°C to +125°C
8-Lead SOT-23
RJ-8
3000
D15#
AD5171EVAL3
10
Evaluation Board
1
1 Parts have a YWW or #YWW marking on the bottom of the package. Y shows the year that the part was made, for example, Y = 5 for 2005. WW shows the work week
that the part was made.
2 Z = RoHS Compliant Part, # denotes RoHS compliant part may be top or bottom marked.
3 The evaluation board is shipped with three pieces of 10 kΩ parts. Users should order extra samples or different resistance options if needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com