Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2516 Datasheet (PDF) - Cherry Semiconductor Corporation

CS2516 Datasheet PDF - Cherry Semiconductor Corporation
Part # CS2516
Download  CS2516 Download
File Size   143.67 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Pulse-Load Battery Monitor

CS2516 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS2516 Datasheet PDF - Cherry Semiconductor Corporation

Part # CS2516
Download  CS2516 Click to download

File Size   143.67 Kbytes
Page   6 Pages
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation
Description Pulse-Load Battery Monitor

CS2516 Datasheet (HTML) - Cherry Semiconductor Corporation


CS2516 Product details

Description
The CS2516 is designed for use in battery powered medical, security, or environmental systems where prior notification of impending power source failure is a requirement. The IC effectively provides continuous monitoring of battery condition by pulsesampling the system voltage at predetermined intervals. Low standby current permits unswitched connection to the battery with minimal impact on operating life. The ability to load the battery during the test pulse provides assurance that sufficient reserve capacity exists to operate critical system components.

Features
■ Adjustable Battery Sense from 7 to 12 Volts
■ Pulse Loads Battery at up to 50mA
■ Standby Current Under 10µA
■ Test Period, Rate and Load Adjustable
■ On Chip 15mA Output Driver




Similar Part No. - CS2516

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
CS25 TOKEN-CS25 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
logo
List of Unclassifed Man...
CS25 ETC-CS25 Datasheet
1Mb / 3P
CURRENT SENSING CHIP RESISTROS
logo
Tyco Electronics
CS250 MACOM-CS250 Datasheet
100Kb / 1P
SPECIFICATION CONTROL DRAWING
logo
Power-One
CS2540-7R POWER-ONE-CS2540-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
Token Electronics Indus...
CS25GTRES1R00 TOKEN-CS25GTRES1R00 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
More results


Similar Description - CS2516

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
BATTERY VOLTAGE MONITOR
logo
Dallas Semiconductor
DS2438 DALLAS-DS2438 Datasheet
351Kb / 29P
Smart Battery Monitor
logo
Microchip Technology
PS700 MICROCHIP-PS700 Datasheet
537Kb / 38P
Battery Monitor
2004
logo
Maxim Integrated Produc...
DS2438AZ MAXIM-DS2438AZ Datasheet
432Kb / 29P
Smart Battery Monitor
070605
logo
ON Semiconductor
ENA2031 ONSEMI-ENA2031 Datasheet
181Kb / 10P
Battery Monitor IC
May, 2013 Ver.1.5
ENA2173 ONSEMI-ENA2173 Datasheet
201Kb / 10P
Battery Monitor IC
April, 2013
logo
Analog Devices
ADBMS6817 AD-ADBMS6817 Datasheet
72Kb / 2P
Multicell Battery Monitor
logo
Maxim Integrated Produc...
DS2438 MAXIM-DS2438 Datasheet
389Kb / 29P
Smart Battery Monitor
070605
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
Smart Battery Monitor
070600
logo
Analog Devices
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
Multicell Battery Monitor
More results




About Cherry Semiconductor Corporation


Cherry Semiconductor Corporation was a semiconductor company that was founded in 1953 and based in Massachusetts, USA. The company specialized in the design and manufacture of a variety of semiconductor products, including analog and mixed-signal integrated circuits (ICs), digital ICs, and power management ICs.

Cherry Semiconductor's products were used in a variety of applications, including telecommunications, automotive, and industrial control systems. The company was known for its high-quality and reliable products, and its technology was widely used by customers in a range of industries.

In 2000, Cherry Semiconductor was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions for the automotive, communications, computing, consumer, industrial, and medical industries. Today, many of Cherry Semiconductor's products are still used by customers in these industries, and the company's legacy of innovation and high-quality semiconductor products lives on through ON Semiconductor's product offerings.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com