Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2516 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS2516
Description  Pulse-Load Battery Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS2516 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS2516 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
Typical Performance Characteristics
Timing Diagram
CT Discharge Impedance vs CT Voltage (Typ +25¡C)
Electrical Characteristics: VCC = 9V, RP = 9.1 M½, CT = 4.7µF, Cpw = 0.1µF, Rpw = 10M½,
0¡²TA ² 85¡ unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
8.8
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
400
500
600
700
800
900
1000
CT Voltage
VCC
CT
Load
Switch
PW
OUT
BATT. OK
BATT. LOW
0V
1V
0V
1V
Vsat
Vsat
Tpw
510ms
1.5V
2.5V
Td
1ms
Tp
1.14ms
4.6V
4.6V
8V
1V
7.1V
6.7V
33S
Tt
VCC
VCC
VCC
VCC
VCC
8L PDIP & SO Narrow
1RP
Test period programming resistor.
2
SENSE
Voltage sense comparator input.
3CT
Test period, duration programming capacitor.
4
COM
Common negative
5
Load Switch
Collector of pulse loading NPN transistor.
6
OUT
Alarm Pulse width-stretcher output
7
PW
Output pulse-width programming RC.
8VCC
Power source.
s Recommended Component Values
Rp Program Resistor
1.0
9.1
M½
CT Cycle Timer Capacitor
4.7
22.0
µF
CPW Pulse Stretcher Capacitor
0.01
0.10
µF
RPW Pulse Stretcher Resistor
1
10
M½



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com