Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2516 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS2516
Description  Pulse-Load Battery Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS2516 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS2516 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Characteristics: VCC = 9V, Rp = 9.1 M½, CT = 4.7µF, Cpw = 0.1µF, Rpw = 10M½,
0¡²TA ² 85¡ unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Absolute Maximum Ratings
Supply Voltage (VCC).........................................................................................................................................................0 to 14V
Rp Input Voltage ............................................................................................................................................................-0.5 to VCC
SENSE, CT, PW, Output and Load Switch....................................................................................................................-0.5 to 8V
Load Current...........................................................................................................................................................................50mA
Output Current ......................................................................................................................................................................30mA
Storage Temperature.................................................................................................................................................-40 to +150ûC
Lead Temperature Soldering: Wave Solder (through hole styles only)..........................................10 sec. max, 260¡C peak
Reflow (SMD styles only) ..........................................60 sec. max above 183¡C, 230¡C peak
s VCC
Operating Voltage
9
12
V
Standby Current
4
10
µA
s Cycle Timer
Charge Current
VC
T=0V, 6V²VCC²12V
-1.70
-1.20
-0.48
µA
2V ² VC
T < 7.5V
-0.77
-0.74
-0.71
µA
Discharge Current
VC
T= 8.8V
8.0
20.0
25.0
mA
VC
T= 2.0V
1.1
3.0
3.6
mA
Discharge Impedance
4.6V < VC
T< 8.0V
440
½
Upper Charge Threshold
-0.48µA < IC
T < -1.70µA
7.0
8.0
9.0
V
Lower Charge Threshold
-0.48µA < IC < -1.70µA
0.5
1.0
3.0
V
Lower Discharge Threshold
1.1mA < IC< 25mA
2.0
4.6
6.0
V
s Load Switch
ÒONÓ Voltage
ILoad Switch = 50mA
0.3
0.5
V
ÒOFFÓ Current
VLoad Switch = 12V
1.0
µA
s Sense Input
Threshold Voltage
6.3
6.7
7.1
V
Threshold Temp Coefficient
0¡C < TA < 85¡C
150
ppm/¡C
Active Impedance
5.0
8.5
12.0
k½
s Pulse Stretcher
Source Current
VSENSE = 6.3V, VPW = 0V
-950
-550
-250
µA
VCC=VSENSE=6.3V, VPW = 0V
-300
-250
-200
µA
Schmitt Upper Threshold
2.25
2.50
2.75
V
Hysteresis
0.60
1.00
1.40
V
Input Bias Current
VSENSE=7.1V, VPW=1.2V
1.00
µA
s Output Switch
ÒONÓ Voltage
VPW = 3V; IOUT = 15mA
0.1
0.5
V
ÒOFFÓ Current
VPW = 0V; VOUT = 12V
1.0
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com