Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2516 Datasheet(PDF) 5 Page - Cherry Semiconductor Corporation

Part # CS2516
Description  Pulse-Load Battery Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS2516 Datasheet(HTML) 5 Page - Cherry Semiconductor Corporation

  CS2516 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
VCC
OUT
CT
CS-2516
Rp
4.7
mF
9.1M
W
RL
220
W
9V
PW
OUT
Load Switch
Rp
SENSE
CT
COM
Cpw
Rpw
10M
W
0.1
mF
+
+
200
W
1.8k
W
Adjustable Sense Threshold
VCC
OUT
CT
CS2516
Rp
4.7
mF
9.1M
W
150
W
12V
PW
OUT
Load Switch
Rp
SENSE
CT
COM
Cpw
Rpw
10M
W
0.1
mF
+
+
51
W
12V Battery Application with 9V Threshold
VCC
OUT
220
W
CT
CS2516
Rp
4.7
mF
9.1M
W
820
W
RL
9V
PW
OUT
Load Switch
Rp
SENSE
CT
COM
Cpw
Rpw
10M
W
0.1
mF
+
+
Increased Pulse-Load Current Capability



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com