Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2516 Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # CS2516
Description  Pulse-Load Battery Monitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS2516 Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  CS2516 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS2516 Datasheet HTML 6Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
OUT
PW
VCC
Load Switch
CT
SENSE
Rp
COM
Cycle
Timer
s
Adjustable Battery Sense
from 7 to 12 Volts
s
Pulse Loads Battery at up
to 50mA
s
Standby Current Under
10µA
s
Test Period, Rate and Load
Adjustable
s
On Chip 15mA Output
Driver
Package Options
8L PDIP and 8L SO
Pulse-Load Battery Monitor
1
RP
2
3
4
SENSE
CT
COM
VCC
PW
OUT
Load
Switch
8
7
6
5
CS2516
Description
The CS2516 is designed for use in bat-
tery powered medical, security, or
environmental systems where prior
notification of impending power
source failure is a requirement. The IC
effectively provides continuous moni-
toring of battery condition by pulse-
sampling the system voltage at prede-
termined intervals. Low standby cur-
rent permits unswitched connection to
the battery with minimal impact on
operating life. The ability to load the
battery during the test pulse provides
assurance that sufficient reserve capac-
ity exists to operate critical system
components.
The CS2516 contains an internal timer
that generates a 1.0 millisecond test
pulse once each 33 seconds (both times
are typical). The load switch transistor
conducts only during the test pulse,
and can sink up to 50mA directly. An
external transistor can be added to in-
crease the load current capability.
Should, during the test pulse, the sense
terminal voltage fall below the thresh-
old level determined by the internal
(synthesized) temperature compensat-
ed zener diode, the comparator will
permit a charging current to flow out
of PW. This pin is also the input of a
Schmitt trigger that in turn drives the
output transistor. Collectively, the
charge current and trigger, in conjunc-
tion with an external RC network,
operate as a Òpulse-stretcherÓ to pro-
vide output ÒONÓ times that are a
multiple of the sampling time. This
feature permits low battery alarm
devices or visible annunciators to be
driven directly by the IC. The maxi-
mum permissible output current is
30mA.
Block Diagram
1
Cherry Semiconductor Corporation
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885-3600 Fax: (401)885-5786
Email: info@cherry-semi.com
Web Site: www.cherry-semi.com
A
Company
¨
Rev. 1/17/95


Similar Part No. - CS2516

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
CS25 TOKEN-CS25 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
logo
List of Unclassifed Man...
CS25 ETC-CS25 Datasheet
1Mb / 3P
CURRENT SENSING CHIP RESISTROS
logo
Tyco Electronics
CS250 MACOM-CS250 Datasheet
100Kb / 1P
SPECIFICATION CONTROL DRAWING
logo
Power-One
CS2540-7R POWER-ONE-CS2540-7R Datasheet
147Kb / 4P
100 Watt DC-DC Converters
logo
Token Electronics Indus...
CS25GTRES1R00 TOKEN-CS25GTRES1R00 Datasheet
427Kb / 8P
CS Current Detecting Chip Resistors
More results

Similar Description - CS2516

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
BATTERY VOLTAGE MONITOR
logo
Dallas Semiconductor
DS2438 DALLAS-DS2438 Datasheet
351Kb / 29P
Smart Battery Monitor
logo
Microchip Technology
PS700 MICROCHIP-PS700 Datasheet
537Kb / 38P
Battery Monitor
2004
logo
Maxim Integrated Produc...
DS2438AZ MAXIM-DS2438AZ Datasheet
432Kb / 29P
Smart Battery Monitor
070605
logo
ON Semiconductor
ENA2031 ONSEMI-ENA2031 Datasheet
181Kb / 10P
Battery Monitor IC
May, 2013 Ver.1.5
ENA2173 ONSEMI-ENA2173 Datasheet
201Kb / 10P
Battery Monitor IC
April, 2013
logo
Analog Devices
ADBMS6817 AD-ADBMS6817 Datasheet
72Kb / 2P
Multicell Battery Monitor
logo
Maxim Integrated Produc...
DS2438 MAXIM-DS2438 Datasheet
389Kb / 29P
Smart Battery Monitor
070605
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
Smart Battery Monitor
070600
logo
Analog Devices
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
Multicell Battery Monitor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com