Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4215 Datasheet (PDF) - Cirrus Logic

CS4215 Datasheet PDF - Cirrus Logic
Part # CS4215
Download  CS4215 Download
File Size   878.81 Kbytes
Page   52 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16-Bit Multimedia Audio Codec

CS4215 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4215 Datasheet PDF - Cirrus Logic

Part # CS4215
Download  CS4215 Click to download

File Size   878.81 Kbytes
Page   52 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16-Bit Multimedia Audio Codec

CS4215 Datasheet (HTML) - Cirrus Logic


CS4215 Product details

General Description
The CS4215 is an MwaveTM audio codec.
The CS4215 is a single-chip, stereo, CMOS multimedia codec that supports CD-quality music, FM radio-quality music, telephone-quality speech, and modems. The analog-to-digital and digital-to-analog converters are 64×oversampled delta-sigma converters with on-chip filters which adapt to the sample frequency selected.
The +5V only power requirement makes the CS4215 ideal for use in workstations and personal computers.
Integration of microphone and line level inputs, input and output gain setting, along with headphone and monitor speaker driver, results in a very small footprint.

Features
• Sample Frequencies from 4 kHz to 50 kHz
• 16-bit Linear, 8-bit Linear, µ-Law, or A-Law Audio Data Coding
• Programmable Gain for Analog Inputs
• Programmable Attenuation for Analog Outputs
• On-chip Oscillators
• +5V Power Supply
• Microphone and Line Level Analog Inputs
• Headphone, Speaker, and Line Outputs
• On-chip Anti-Aliasing/Smoothing Filters
• Serial Digital Interface




Similar Part No. - CS4215

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
IEEE 1394 OHCI Controller
CS4210VJG NSC-CS4210VJG Datasheet
1Mb / 102P
IEEE 1394 OHCI Controller
logo
Cirrus Logic
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
16-Bit Stereo Audio Codec
CS4216-KL CIRRUS-CS4216-KL Datasheet
799Kb / 58P
16-Bit Stereo Audio Codec
CS4216-KQ CIRRUS-CS4216-KQ Datasheet
799Kb / 58P
16-Bit Stereo Audio Codec
More results


Similar Description - CS4215

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
Low Power AC97 Multimedia Audio Codec
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
AC97 MULTIMEDIA AUDIO CODEC WITH SRC
logo
Cirrus Logic
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
16-Bit Stereo Audio Codec
CS4218 CIRRUS-CS4218 Datasheet
586Kb / 44P
16-Bit Stereo Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
List of Unclassifed Man...
CS4231A ETC-CS4231A Datasheet
2Mb / 76P
PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
16-Bit Mono Audio Voice Codec
Rev 2; 2/12
logo
Wolfson Microelectronic...
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
Audio Hub CODEC for Multimedia Phones
logo
Realtek Semiconductor C...
ALC5624 REALTEK-ALC5624 Datasheet
1Mb / 78P
HAND-HELD MULTIMEDIA I2S AUDIO CODEC
ALC5624-GR REALTEK-ALC5624-GR Datasheet
1Mb / 73P
HAND-HELD MULTIMEDIA I2S AUDIO CODEC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com