Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4215 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 3 Page - Cirrus Logic

  CS4215 Datasheet HTML 1Page - Cirrus Logic CS4215 Datasheet HTML 2Page - Cirrus Logic CS4215 Datasheet HTML 3Page - Cirrus Logic CS4215 Datasheet HTML 4Page - Cirrus Logic CS4215 Datasheet HTML 5Page - Cirrus Logic CS4215 Datasheet HTML 6Page - Cirrus Logic CS4215 Datasheet HTML 7Page - Cirrus Logic CS4215 Datasheet HTML 8Page - Cirrus Logic CS4215 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
ANALOG CHARACTERISTICS (Continued)
Parameter *
Symbol
Min
Typ
Max
Units
Analog Output Characteristics - Minimum Attenuation; Unless Otherwise Specified.
DAC Resolution
16
-
-
Bits
DAC Differential Nonlinearity
-
-
±0.9
LSB
Total Dynamic Range
TDR
-
95
-
dB
Instantaneous Dynamic Range (OLB = 1)
(All Outputs)
IDR
80
85
-
dB
Total Harmonic Distortion
Line Out
(Note 5)
-
-
0.025
%
(OLB = 1)
Headphone Out
(Note 6)
THD
-
-
0.2
%
Speaker Out
(Note 6)
-
-
0.32
%
Interchannel Isolation
Line Out
(Note 5)
-
80
-
dB
Headphone Out
(Note 6)
-
40
-
dB
Interchannel Gain Mismatch
Line Out
-
-
0.5
dB
Headphone
-
-
0.5
dB
Frequency Response (Note 1)
(0 to 0.45 Fs)
-0.5
-
+0.2
dB
Programmable Attenuation
(All Outputs)
0.2
-
-94.7
dB
Attenuation Step Size
-
1.5
-
dB
Absolute Attenuation Step Error
-
-
0.75
dB
Offset Voltage
Line Out
-
10
-
mV
Full Scale Output Voltage
Line Output
(Note 5)
2.55
2.8
3.08
Vpp
with OLB = 0
Headphone Output
(Note 6)
3.6
4.0
4.4
Vpp
Speaker Output-Differential
(Note 6)
7.3
8.0
8.8
Vpp
Full Scale Output Voltage
Line Output (Note 5)
1.8
2.0
2.2
Vpp
with OLB = 1
Headphone Output (Note 6)
1.8
2.0
2.2
Vpp
Speaker Output-Differential (Note 6)
3.6
4.0
4.4
Vpp
Gain Drift
-
100
-
ppm/
°C
Deviation from Linear Phase
-
-
1
Degree
Out of Band Energy
(22 kHz to 100 kHz)
Line Out
-
-60
-
dB
Power Supply
Power Supply Current
(Note 7)
Operating
-
110
140
mA
Power Down
-
0.5
2
mA
Power Supply Rejection
(1 kHz)
-
40
-
dB
Notes:
5. 10 k
Ω, 100 pF load. Headphone and Speaker outputs disabled.
6. 48
Ω, 100 pF load. For the headphone outputs, THD with 10kΩ, 100pF load is 0.02%.
7. Typically, 50% of the power supply current is supplied to the analog power pins (VA1, VA2)
and 50% is supplied to the digital power pins (VD1, VD2). Values given are for unloaded outputs.
CS4215
DS76F2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com