Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4215 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 18Page - Cirrus Logic CS4215 Datasheet HTML 19Page - Cirrus Logic CS4215 Datasheet HTML 20Page - Cirrus Logic CS4215 Datasheet HTML 21Page - Cirrus Logic CS4215 Datasheet HTML 22Page - Cirrus Logic CS4215 Datasheet HTML 23Page - Cirrus Logic CS4215 Datasheet HTML 24Page - Cirrus Logic CS4215 Datasheet HTML 25Page - Cirrus Logic CS4215 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
of 128 (80 Hex) is considered analog zero for
the 8-bit unsigned format.
A non-linear coding scheme is used for the com-
panded formats as shown in Figure 14. This
scheme is compatible with CCITT G.711. Com-
panding uses more precision at lower amplitudes
at the expense of less precision at higher ampli-
tudes.
µ-Law is equivalent to 13 bits at low
signal levels and A-Law is equivalent to 12 bits.
This low-level dynamic range is obtained at the
expense of large-signal dynamic range which, for
both
µ-Law and A-Law, is equivalent to 6 bits.
The CS4215 internally operates at 16 bits. The
companded data is expanded to the upper 13
(12) bits for the DACs and compressed from the
upper 13 (12) bits to 8 bits for the ADCs.
Data Time Slot 1&2, Left Channel Audio Data
Time slot 1 and 2 contain audio data for the left
channel. In mono modes, only the left channel
data is used, however both the right and left
output DACs are driven. In 8-bit modes, only
time slot 1 is used for the data.
Data Time Slot 3&4, Right Channel Audio Data
Time slot 3 and 4 contains audio data for the
right channel. In mono modes, the right ADC
outputs zero and the right DAC uses the left
digital data. In 8-bit modes, only time slot 3 is
used for the data.
Figure 15 summarizes all the time slot bit alloca-
tions for the 4 data modes and for control mode.
Reset
RESET going low causes all the internal control
registers to be set to the states shown with each
register description. RESET must be brought low
and high at least once after power up. RESET
returning high causes the CS4215 to execute an
offset calibration cycle. RESET or D/C returning
high should occur at least 50 ms after the power
supply has stabilized to allow the voltage refer-
ence to settle.
Data Time Slot 5, Output Setting
D7
D6
D5
D4
D3
D2
D1
D0
HE
LE
LO5
LO4
LO3
LO2
LO1
LO0
00111111
Register
Reset (R)
BIT
NAME
VALUE
FUNCTION
LO5-0
Left Channel Output
Attenuation Setting
1 1 1 1 1 1
63
R 1.5dB attenuation steps. LO5 is the MSB.
0 = no attenuation. 111111 = -94.5dB
LE
Line Output Enable
0
1
R Analog line outputs off (muted).
Analog line outputs on.
HE
Headphone Output
Enable
0
1
R Headphone output off (muted).
Headphone output on.
0
+FS
-FS
DIGITAL CODE
A-Law: 2Ah
15h
95h
AAh
7Fh/FFh
55h/D5h
00h
3Fh
BFh
80h
u-Law:
Figure 14. Companded Data Formats
CS4215
22
DS76F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com