Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4215 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4215 Datasheet HTML 1Page - Cirrus Logic CS4215 Datasheet HTML 2Page - Cirrus Logic CS4215 Datasheet HTML 3Page - Cirrus Logic CS4215 Datasheet HTML 4Page - Cirrus Logic CS4215 Datasheet HTML 5Page - Cirrus Logic CS4215 Datasheet HTML 6Page - Cirrus Logic CS4215 Datasheet HTML 7Page - Cirrus Logic CS4215 Datasheet HTML 8Page - Cirrus Logic CS4215 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
DIGITAL CHARACTERISTICS (TA = 25°C; VA1, VA2, VD1, VD2 = 5V)
Parameter
Symbol
Min
Max
Units
High-level Input Voltage
VIH
(VD1,VD2)-1.0
(VD1,VD2)+0.3
V
Low-level Input Voltage
VIL
-0.3
1.0
V
High-level Output Voltage at I0 = -2.0 mA
VOH
(VD1,VD2)-0.2
-
V
Low-level Output Voltage at I0 = 2.0 mA
VOL
-0.1
V
Input Leakage Current
(Digital Inputs)
-
10
µA
Output Leakage Current
(High-Z Digital Outputs)
-
10
µA
D/A Interpolation Filter Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Passband
(Fs is conversion freq.)
0
-
0.45Fs
Hz
Frequency Response
-0.5
-
+0.2
dB
Passband Ripple
-
-
±0.1
dB
Transition Band
0.45Fs
-
0.55Fs
Hz
Stop Band
≥ 0.55Fs
-
-
Hz
Stop Band Rejection
74
-
-
dB
Group Delay
-
16/Fs
-
s
Group Delay Variation vs. Frequency
-
-
0.1/Fs
s
A/D Decimation Filter Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Passband
(Fs is conversion freq.)
0
-
0.45Fs
Hz
Frequency Response
-0.5
-
+0.2
dB
Passband Ripple
-
-
±0.1
dB
Transition Band
0.45Fs
-
0.55Fs
Hz
Stop Band
≥ 0.55Fs
-
-
Hz
Stop Band Rejection
74
-
-
dB
Group Delay
-
16/Fs
-
s
Group Delay Variation vs. Frequency
-
-
0.0
µs
CS4215
4
DS76F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com