Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4215 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 28Page - Cirrus Logic CS4215 Datasheet HTML 29Page - Cirrus Logic CS4215 Datasheet HTML 30Page - Cirrus Logic CS4215 Datasheet HTML 31Page - Cirrus Logic CS4215 Datasheet HTML 32Page - Cirrus Logic CS4215 Datasheet HTML 33Page - Cirrus Logic CS4215 Datasheet HTML 34Page - Cirrus Logic CS4215 Datasheet HTML 35Page - Cirrus Logic CS4215 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Power Supply
VA1, VA2 - Analog Power Input, Pins 23(L), 24(L), 37(Q), 39 (Q)
+5 V analog supply.
AGND1, AGND2 - Analog Ground, Pins 22(L), 25(L), 35(Q), 41(Q)
Analog ground. Must be connected to DGND1, DGND2 with zero impedance.
VD1, VD2 - Digital Power Input, Pins 3(L), 8(L), 91(Q), 4(Q)
+ 5 V digital supply.
DGND1, DGND2 - Digital Ground, Pin 2(L), 9(L), 89(Q), 6(Q)
Digital ground. Must be connected to AGND1, AGND2 with zero impedance.
CS4215
44-PIN
PLCC
(L)
Top View
18
20
22
24
26
28
1
2
4
640
42
44
12
8
10
14
16
7
9
11
13
15
17
29
31
33
35
37
39
34
30
32
36
38
SDIN
DGND1
SDOUT
VD1
SCLK
CLKIN
FSYNC
CLKOUT
TSOUT
XTL1IN
TSIN
XTL1OUT
NC
VD2
NC
DGND2
PIO1
XTL2IN
PIO0
XTL2OUT
D/C
RESET
NC
PDN
LOUTR
NC
LOUTL
MINR
HEADL
LINR
HEADC
MINL
HEADR
LINL
MOUT1
CMOUT
MOUT2
NC
NC
VREF
AGND2
AGND1
VA2
VA1
CS4215
32
DS76F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com