Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4215 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4215 Datasheet HTML 1Page - Cirrus Logic CS4215 Datasheet HTML 2Page - Cirrus Logic CS4215 Datasheet HTML 3Page - Cirrus Logic CS4215 Datasheet HTML 4Page - Cirrus Logic CS4215 Datasheet HTML 5Page - Cirrus Logic CS4215 Datasheet HTML 6Page - Cirrus Logic CS4215 Datasheet HTML 7Page - Cirrus Logic CS4215 Datasheet HTML 8Page - Cirrus Logic CS4215 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
ANALOG CHARACTERISTICS( TA = 25°C; VA1, VA2, VD1, VD2 = +5V;
Input Levels: Logic 0 = 0V, Logic 1 = VD1, VD2; Full Scale Input Sine wave, No Gain, No Attenuation 1 kHz;
Conversion Rate = 48 kHz; No Gain, No Attenuation, SCLK = 3.072 MHz; Measurement Bandwidth is 10 Hz to
20 kHz; Slave mode; Unless otherwise specified.)
Parameter *
Symbol
Min
Typ
Max
Units
Analog Input Characteristics - Minimum gain setting (0 dB); unless otherwise specified.
ADC Resolution
16
-
-
Bits
ADC Differential Nonlinearity
-
-
±0.9
LSB
Instantaneous Dynamic Range
Line Inputs
IDR
80
84
-
dB
Mic Inputs
72
78
-
dB
Total Harmonic Distortion
Line Inputs
THD
-
-
0.012
%
Mic Inputs
-
-
0.032
%
Interchannel Isolation
Line to Line Inputs
-
80
-
dB
Line to Mic Inputs
-
60
-
dB
Interchannel Gain Mismatch
Line Inputs
-
-
0.5
dB
Mic Inputs
-
-
0.5
dB
Frequency Response (Note 1)
(0 to 0.45 Fs)
-0.5
-
+0.2
dB
Programmable Input Gain
Line Inputs
-0.2
-
23.5
dB
Mic Inputs
19.8
-
44
dB
Gain Step Size
-
1.5
-
dB
Absolute Gain Step Error
-
-
0.75
dB
Offset Error
Line Inputs (AC Coupled)
-
±150
±400
with HPF = 0
Line Inputs (DC Coupled)
-
±10
±150
LSB
(No Gain)
Mic Inputs
-
±400
-
Offset Error
Line Inputs (AC Coupled)
-
0
±5
with HPF = 1 (Notes 1,2)
Line Inputs (DC Coupled)
-
0
±5LSB
(No Gain)
Mic Inputs
-
0
±5
Full Scale Input Voltage:
(MLB=0) Mic Inputs
0.250
0.28
0.310
Vpp
(MLB=1) Mic Inputs
2.50
2.8
3.10
Vpp
Line Inputs
2.50
2.8
3.10
Vpp
Gain Drift
-
100
-
ppm/
°C
Input Resistance
(Note 3)
20
-
-
k
Ω
Input Capacitance
-
-
15
pF
CMOUT Output Voltage
(Note 4)
1.9
2.1
2.3
V
(Maximum output current = 400
µA)
Specifications are subject to change without notice.
* Parameter definitions are given at the end of this data sheet.
Mwave
™ is a trademark of the IBM Corporation.
Notes: 1. This specification is guaranteed by characterization, not production testing.
2. Very low frequency signals will be slightly distorted when using the HPF.
3. Input resistance is for the input selected. Non-selected inputs have a very high (>1M
Ω) input
resistance.
4. DC current only. If dynamic loading exists, then CMOUT must be buffered or the performance of
ADC’s and DAC’s may be degraded.
CS4215
2
DS76F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com