Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4215 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4215
Description  16-Bit Multimedia Audio Codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4215 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4215 Datasheet HTML 9Page - Cirrus Logic CS4215 Datasheet HTML 10Page - Cirrus Logic CS4215 Datasheet HTML 11Page - Cirrus Logic CS4215 Datasheet HTML 12Page - Cirrus Logic CS4215 Datasheet HTML 13Page - Cirrus Logic CS4215 Datasheet HTML 14Page - Cirrus Logic CS4215 Datasheet HTML 15Page - Cirrus Logic CS4215 Datasheet HTML 16Page - Cirrus Logic CS4215 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
lected. SCLK and FSYNC must be synchronous
to the external clock.
As a third alternative, SCLK may be pro-
grammed to be the master clock input. In this
case, it must be 256 times Fs.
Serial Interface
The serial interface of the CS4215 transfers digi-
tal audio data and control data into and out of
the device. Multiple CS4215 devices may share
the same data lines. DSP’s supported include the
Motorola 56001 in network mode and a subset
of the ‘CHI’ bus from AT&T/Intel.
Serial Interface Signals
Figure 7 shows an example of two CS4215 de-
vices connected to a common controller. The
Serial Data Out (SDOUT) and Serial Data In
(SDIN) lines are time division multiplexed be-
tween the CS4215s.
The serial interface clock, SCLK, is used for
transmitting and receiving data. SCLK can be
generated by one of the CS4215s, or it can be
input from an external SCLK source. When gen-
erated by an external source, SCLK must be
synchronous to the master clock. Data is trans-
mitted on the rising edge of SCLK and is
received on the falling edge of SCLK. The
SCLK frequency is always equal to the bit rate.
The Frame Synchronizing signal (FSYNC) is
used to indicate the start of a frame. It may be
output from one of the CS4215s, or it may be
generated from an external controller. If FSYNC
is generated externally, it must be high for at
least 1 SCLK period, and it must fall at least
2 SCLKs before the start of a new frame (see
Figure 8). It must also be synchronous to the
master clock. The frequency of FSYNC is equal
to the system sample rate (see Figure 8). Each
CS4215 requires 64 SCLKs to transfer all the
data. The SCLK frequency can be set to 64, 128,
or 256 bits per frame, thereby allowing for 1, 2
or 4 CS4215s connected to the same bus.
In a typical multi-part scenario, one CS4215 (the
master) would generate FSYNC and SCLK,
while the other CS4215s (the slaves) would re-
ceive FSYNC and SCLK. The CLKOUT of the
master would be connected to the CLKIN of
each slave device as shown in Figure 7. Then,
the master device would be programmed for the
desired sample frequency (assuming one of the
crystals is selected as the clock source), the num-
ber of bits per frame, and for SCLK and FSYNC
to be outputs. The slave devices would be pro-
grammed to use CLKIN as the clock source, the
same number of bits per frame, and for SCLK
and FSYNC to be inputs. Since CLKOUT is al-
Controller
SCLK
SDIN
SDOUT
FSYNC
SCLK
SDIN
SDOUT
FSYNC
TSIN
TSOUT
PDN
RESET
CS4215
D/C
SCLK
SDIN
SDOUT
FSYNC
TSIN
TSOUT
PDN
RESET
CS4215
D/C
D/C
A
B
Master
Slave
CLKIN
CLKOUT
XTL1IN
XTL1OUT
XTL2IN
XTL2OUT
Figure 7. Multiple CS4215’s
CS4215
DS76F2
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com