Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet (PDF) - Cirrus Logic

CS4218 Datasheet PDF - Cirrus Logic
Part # CS4218
Download  CS4218 Download
File Size   586.55 Kbytes
Page   44 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16-Bit Stereo Audio Codec

CS4218 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS4218 Datasheet PDF - Cirrus Logic

Part # CS4218
Download  CS4218 Click to download

File Size   586.55 Kbytes
Page   44 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16-Bit Stereo Audio Codec

CS4218 Datasheet (HTML) - Cirrus Logic


CS4218 Product details

General Description
The CS4218 Stereo Audio Codec is a monolithic CMOS device for computer multimedia, automotive, and portable audio applications. It performs A/D and D/A conversion, filtering, and level setting, creating 4 audio inputs and 2 audio outputs for a digital computer system. The digital interfaces of left and right channels are multiplexed into a single serial data bus with word rates up to 50 kHz per channel.

Complete CMOS Stereo Audio Input and Output System featuring:
• Delta-Sigma A/D and D/A Converters using 64x Oversampling.
• Input Anti-Aliasing and Output Smoothing Filters.
• Programmable Input Gain (0 dB to 22.5 dB).
• Programmable Output Attenuation (0 dB to 46.5 dB).
• Sample frequencies from 4 kHz to 50 kHz.
• Low Distortion, THD < 0.02% for DAC. THD < 0.02% for ADC.
• Low Power Dissipation: 80 mA typical.
• Power-Down Mode : 1 mA typical.
• Pin Compatible with CS4216 when used in Serial Modes 3 and 4 (See Appendix A).
• I2S(TM) Compatible Serial Mode (SM5).
• Operates from 5V or 3.3V Digital Power Supply. Requires 5V Analog Power Supply.




Similar Part No. - CS4218

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
IEEE 1394 OHCI Controller
CS4210VJG NSC-CS4210VJG Datasheet
1Mb / 102P
IEEE 1394 OHCI Controller
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
CS4215-KL CIRRUS-CS4215-KL Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
CS4215-KQ CIRRUS-CS4215-KQ Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
More results


Similar Description - CS4218

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
STEREO AUDIO CODEC
logo
Cirrus Logic
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
16-Bit Stereo Audio Codec
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8734 WOLFSON-WM8734_06 Datasheet
529Kb / 46P
Stereo Audio CODEC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
24-Bit 192kHz Stereo Audio CODEC
logo
Texas Instruments
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
Stereo Audio Codec
TLC320AD91 TI1-TLC320AD91 Datasheet
184Kb / 43P
Stereo Audio Codec
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
Stereo Audio Codec
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
STEREO AUDIO CODEC
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com