Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4218 Datasheet HTML 1Page - Cirrus Logic CS4218 Datasheet HTML 2Page - Cirrus Logic CS4218 Datasheet HTML 3Page - Cirrus Logic CS4218 Datasheet HTML 4Page - Cirrus Logic CS4218 Datasheet HTML 5Page - Cirrus Logic CS4218 Datasheet HTML 6Page - Cirrus Logic CS4218 Datasheet HTML 7Page - Cirrus Logic CS4218 Datasheet HTML 8Page - Cirrus Logic CS4218 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Complete CMOS Stereo Audio Input
and Output System featuring:
• Delta-Sigma A/D and D/A Converters using
64x Oversampling.
• Input Anti-Aliasing and Output Smoothing
Filters.
• Programmable Input Gain (0 dB to 22.5 dB).
• Programmable Output Attenuation (0 dB to
46.5 dB).
• Sample frequencies from 4 kHz to 50 kHz.
• Low Distortion, THD < 0.02% for DAC.
THD < 0.02% for ADC.
• Low Power Dissipation: 80 mA typical.
• Power-Down Mode : 1 mA typical.
• Pin Compatible with CS4216 when used in
Serial Modes 3 and 4 (See Appendix A).
• I2S(TM) Compatible Serial Mode (SM5).
• Operates from 5V or 3.3V Digital Power
Supply. Requires 5V Analog Power Supply.
General Description
The CS4218 Stereo Audio Codec is a monolithic
CMOS device for computer multimedia, automotive,
and portable audio applications. It performs A/D and
D/A conversion, filtering, and level setting, creating 4
audio inputs and 2 audio outputs for a digital computer
system. The digital interfaces of left and right channels
are multiplexed into a single serial data bus with word
rates up to 50 kHz per channel.
ADCs and the DACs use delta-sigma modulation with
64X oversampling. The ADCs and DACs include digi-
tal decimation filters and output smoothing filters
on-chip which eliminate the need for external anti-alias-
ing filters.
The CS4218 is pin and function compatible with the
CS4216 when used in Serial modes 3 and 4. See the
Appendix A at the end of this data sheet for details.
I
2S is a trademark of Philips.
Ordering Information:
CS4218-KL
0
° to 70°C
44-pin PLCC
CS4218-KQ
0
° to 70°C
44-pin TQFP
16-Bit Stereo Audio Codec
CS4218
SSYNC
LOUT
ROUT
SERIAL INTERFACE CONTROL
INPUT
MUX
VOLTAGE REFERENCE
CLKIN
MF7:SFS1/F2
MF8:SFS2/F3
SDIN
SDOUT
SCLK
SMODE1
RESET
REFGND
REFBYP
REFBUF
LIN1
LIN2
RIN1
RIN2
VD
VA
DGND
AGND
A/D
A/D
D/A
D/A
DO1
MF5:DO2/INT
MF2:F2/CDIN
MF1:F1/CDOUT
DI1
MF6:DI2/F1
MF3:DI3/F3/CCLK
OUTPUT
MUTE
INPUT
GAIN
PDN
SMODE2
SMODE3
FILT
MF4:MA/CCS
SEP ’96
DS135F1
1
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
Copyright
© Crystal Semiconductor Corporation 1996
(All Rights Reserved)


Similar Part No. - CS4218

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
IEEE 1394 OHCI Controller
CS4210VJG NSC-CS4210VJG Datasheet
1Mb / 102P
IEEE 1394 OHCI Controller
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
CS4215-KL CIRRUS-CS4215-KL Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
CS4215-KQ CIRRUS-CS4215-KQ Datasheet
878Kb / 52P
16-Bit Multimedia Audio Codec
More results

Similar Description - CS4218

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
STEREO AUDIO CODEC
logo
Cirrus Logic
CS4216 CIRRUS-CS4216 Datasheet
799Kb / 58P
16-Bit Stereo Audio Codec
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8734 WOLFSON-WM8734_06 Datasheet
529Kb / 46P
Stereo Audio CODEC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
24-Bit 192kHz Stereo Audio CODEC
logo
Texas Instruments
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
Stereo Audio Codec
TLC320AD91 TI1-TLC320AD91 Datasheet
184Kb / 43P
Stereo Audio Codec
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
Stereo Audio Codec
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com