Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 27Page - Cirrus Logic CS4218 Datasheet HTML 28Page - Cirrus Logic CS4218 Datasheet HTML 29Page - Cirrus Logic CS4218 Datasheet HTML 30Page - Cirrus Logic CS4218 Datasheet HTML 31Page - Cirrus Logic CS4218 Datasheet HTML 32Page - Cirrus Logic CS4218 Datasheet HTML 33Page - Cirrus Logic CS4218 Datasheet HTML 34Page - Cirrus Logic CS4218 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
AGND - Analog Ground, PIN 23(L), 17(Q).
Analog ground. Must be connected to DGND with zero impedance.
Analog Inputs
RIN1 - Right Input #1, PIN 25(L), 19(Q).
Right analog input #1. Full scale input, with no gain, is 1Vrms, centered at REFBUF.
RIN2 - Right Input #2, PIN 26(L), 20(Q).
Right analog input #2. Full scale input, with no gain, is 1Vrms, centered at REFBUF.
LIN1 - Left Input #1, PIN 27(L), 21(Q).
Left analog input #1. Full scale input, with no gain, is 1Vrms, centered at REFBUF.
LIN2 - Left Input #2, PIN 28(L), 22(Q).
Left analog input #2. Full scale input, with no gain, is 1Vrms, centered at REFBUF.
Analog Outputs
ROUT - Right Channel Output, PIN 15(L), 9(Q).
Right channel analog output. Maximum signal is 1 Vrms centered at REFBUF.
LOUT - Left Channel Output, PIN 16(L), 10(Q).
Left channel analog output. Maximum signal is 1 Vrms centered at REFBUF.
REFBYP - Analog Reference Decoupling, PIN 21(L), 15(Q).
A 10
µF and 0.1 µF capacitor must be attached between REFBYP and REFGND.
REFGND - Analog Reference Ground Connection, PIN 22(L), 16(Q).
Connect to AGND.
REFBUF - Buffered Reference Out, PIN 20(L), 14(Q).
A nominal +2.1V output for setting the bias level for external analog circuits.
Serial Digital Audio Interface Signals
SDIN - Serial Port Data In, PIN 42(L), 36(Q).
Digital audio data to the DACs and level control information is received by the CS4218 via
SDIN.
SDOUT - Serial Port Data Out, PIN 43(L), 37(Q).
Digital audio data from the ADCs and status information is output from the CS4218 via
SDOUT.
SCLK - Serial Port Bit Clock, PIN 44(L), 38(Q).
SCLK controls the digital audio data on SDOUT and latches the data on SDIN. SCLK must be
synchronous to the master clock.
CS4218
DS135F1
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com