Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 30Page - Cirrus Logic CS4218 Datasheet HTML 31Page - Cirrus Logic CS4218 Datasheet HTML 32Page - Cirrus Logic CS4218 Datasheet HTML 33Page - Cirrus Logic CS4218 Datasheet HTML 34Page - Cirrus Logic CS4218 Datasheet HTML 35Page - Cirrus Logic CS4218 Datasheet HTML 36Page - Cirrus Logic CS4218 Datasheet HTML 37Page - Cirrus Logic CS4218 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Miscellaneous
RESET - Reset Input, PIN 2.(L), 40(Q).
Resets the CS4218 to a known state, and must be initiated after power-up or power-down
mode. Releasing RESET causes the CS4218 to initiate a calibration sequence. The CS4218
automatically initiates a calibration sequence after a sample rate change in master and slave
modes.
CLKIN - Master Clock, PIN 3(L), 41(Q).
CLKIN is the master clock that operates the internal logic. CLKIN is 256
×Fsmax, where Fsmax
is the highest sample frequency needed, for SM3 Master and Slave, and for SM4 Master and
Slave. CLKIN is 16xFsmax in SM3 Multiplier sub-modes. Different sample frequencies are
obtained by either changing the ratio of SCLK to CLKIN in slave modes, or changing the
format pin values (F2-F0) in master modes.
PDN - Power Down, PIN 13(L), 7(Q).
This pin, when low, causes the CS4218 to go into a power down state. RESET should be held
low for 50 ms when exiting the power down state to allow time for the voltage reference to
settle.
DI1 - Parallel Digital Bit Input #1, PIN 33(L), 27(Q).
This pin value is reflected in the DI1 bit in the sub-frame.
DO1 - Parallel Digital Bit Output #1, PIN 37(L), 31(Q).
This pin reflects the value of the DO1 bit in the sub-frame
FILT - PLL Filter, PIN 6(L), 44(Q).
This pin should have the 0.47
µF PLL loop filter capicator connected when using SM3
Multiplier sub-modes. When using SM3-M, SM3-S, SM4, or SM5 modes, this pin should be
left floating. This pin has an internal pull-down making the CS4218 pin compatible with the
CS4216 operating in serial modes SM3-M, SM3-S, and SM4.
NC - No Connection,
PINS 7, 8, 9, 10, 11, 12, 14, 17, 18, 19(L)
PINS 1, 2, 3, 4, 5, 6, 8, 11, 12, 13(Q).
These pins should be left floating with no trace attached to allow backwards compatibility with
future revisions. They should not be used as a convenient path for signal traces.
CS4218
34
DS135F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com