Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 9Page - Cirrus Logic CS4218 Datasheet HTML 10Page - Cirrus Logic CS4218 Datasheet HTML 11Page - Cirrus Logic CS4218 Datasheet HTML 12Page - Cirrus Logic CS4218 Datasheet HTML 13Page - Cirrus Logic CS4218 Datasheet HTML 14Page - Cirrus Logic CS4218 Datasheet HTML 15Page - Cirrus Logic CS4218 Datasheet HTML 16Page - Cirrus Logic CS4218 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
When using the CS4218 as a drop-in replace-
ment for the CS4216, the external 600 ohm
series resistors on LOUT and ROUT are not re-
quired, since they are part of the CS4218
internal circuitry.
In applications where both CS4218 and CS4216
are to be used, a board stuff option should be
included in the bill of materials which will allow
either a 600-ohm or a 0-ohm resistor to be used
externally on both LOUT and ROUT.
Offset Calibration
Both input and output offset voltages are mini-
mized by internal calibration. Offset calibration
occurs after exiting a reset or power down condi-
tion. During calibration, which takes 194 frames,
output data from the ADCs will be all zeros, and
will be flagged as invalid. Also, the DAC out-
puts will be muted. After power down mode or
power up,
RESET should be held low for a
minimum of 50 ms to allow the voltage refer-
ence to settle. Changing sample rates in master
and slave modes automatically initiates a calibra-
tion.
Input Gain and Output Level Setting
Input gain is adjustable from 0 dB to +22.5 dB
in 1.5 dB steps. Output level attenuation is ad-
justable from 0 dB to -46.5 dB in 1.5 dB steps.
Both input and output gain adjustments are inter-
nally made on zero-crossings of the analog
signal, to minimize "zipper" noise. The gain
change automatically takes effect if a zero cross-
ing does not occur within 512 frames.
Muting and the ADC Valid Counter
The mute function allows the the user to turn off
the output channels ( LOUT and ROUT ). Prior
to muting, the attenuation should be gradually
ramped to maximum ( 46.5 dB ), taking 1.5dB
steps. This significantly reduces any audible arti-
facts that may be heard once muting is enabled.
It is the users responsibility to program the serial
host to perform the ramping.
The serial data stream contains a "Valid Data"
indicator, the ADV bit, for the A/D converters
which is low until enough clocks have passed
since reset, or low-power (power down mode)
operation to have valid A/D data from the filters
(i.e., until calibration time plus the full latency
of the digital filters has passed.)
Parallel Digital Input/Output Pins
Parallel digital inputs are general purpose pins
whose values are reflected in the serial data out-
put stream to the processor. Parallel digital
outputs provide a way to control external devices
using bits in the serial data input stream. All par-
allel digital pins, with the exception of DI1 and
DO1, are multifunction and are defined by the
serial mode selected. In Serial Mode 3 master
modes and Serial Mode 5, two digital inputs and
two digital outputs are available. In Serial Mode
3 slave modes, three digital inputs and two digi-
tal outputs are available. In Serial Mode 4 only
one digital input and digital output exists. Fig-
ure 10 shows when the DI pins are latched, and
when the DO pins are updated.
Reset and Power Down Modes
Reset places the CS4218 into a known state and
must be held low for at least 50 ms after power-
up or a hard power down. In reset, the digital
outputs are driven low. Reset sets all control data
register bits to zero. Changing sample rates in
SSYNC
SCLK
DI pins
latched
DO pins
update
Start of
Frame
(SM3)
Figure 10. Digital Input/Output Timing
CS4218
DS135F1
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com