Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 34Page - Cirrus Logic CS4218 Datasheet HTML 35Page - Cirrus Logic CS4218 Datasheet HTML 36Page - Cirrus Logic CS4218 Datasheet HTML 37Page - Cirrus Logic CS4218 Datasheet HTML 38Page - Cirrus Logic CS4218 Datasheet HTML 39Page - Cirrus Logic CS4218 Datasheet HTML 40Page - Cirrus Logic CS4218 Datasheet HTML 41Page - Cirrus Logic CS4218 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
Appendix A: CS4218 Compatibility with CS4216
IMPORTANT !!
If you are upgrading your design from the CS4216 to the CS4218, please make sure to read this entire
appendix. The CS4218 is pin compatible with the CS4216. This appendix provides a summary of
differences between the two codecs.
Pin Compatibility
The CS4218 is 100% pin compatible with the CS4216 when used in Serial Modes 3 and 4. The
differences are noted in the following paragraphs and tables.
The CS4218 integrates the 600-ohm series resistors for the LOUT and ROUT analog outputs on the IC
itself. For the CS4216, these resistors are not on-chip, and need to be provided externally.
The CS4218 pin named SMODE3 does not incorporate an on-chip pull-down resistor, as is provided
on the CS4216 Rev B and later. This pin must be tied high or low, or driven by control logic to the
desired state (depends on the serial mode used). If this pin is left floating, the codec will not work
correctly.
The CS4218 adds the pin named FILT. On the CS4216, this pin is a no connect. The FILT pin is only
used when employing the SM3 Multiplier sub-mode. When using this sub-mode, a 0.47uF capacitor
must be connected from the FILT pin to AGND. When not using the Multiplier sub-mode, this pin may
remain unconnected.
Serial Modes
The CS4218 supports Serial Modes 3 and 4 of the CS4216. In addition, the CS4218 provides the SM3
Multiplier sub-mode and Serial Mode 5, which are not provided on the CS4216.
The CS4218 does not support Serial Modes 1 and 2 of the CS4216.
Decimation and Interpolator Filter Responses
The CS4218 and CS4216 use different digital filters for the ADC decimators and DAC interpolators.
Tables A1 and A2 provide a comparison between each codec’s filter responses.
CS4218
38
DS135F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com