Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 35Page - Cirrus Logic CS4218 Datasheet HTML 36Page - Cirrus Logic CS4218 Datasheet HTML 37Page - Cirrus Logic CS4218 Datasheet HTML 38Page - Cirrus Logic CS4218 Datasheet HTML 39Page - Cirrus Logic CS4218 Datasheet HTML 40Page - Cirrus Logic CS4218 Datasheet HTML 41Page - Cirrus Logic CS4218 Datasheet HTML 42Page - Cirrus Logic CS4218 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Parameter
Units
CS4218
CS4216
Passband
Hz
0-0.4Fs
0-0.45Fs
Passband Ripple
dB
± 0.1
± 0.2
Transition Band
Hz
0.4-0.6Fs
0.45-0.55
Stop Band
Hz
0.6Fs
0.55Fs
Stop Band Rejection
dB
74dB
80dB
Group Delay
sec
8/Fs
16/Fs
TABLE A1: Decimation Filter Comparison
Parameter
Units
CS4218
CS4216
Passband
Hz
0-0.4Fs
0-0.45Fs
Passband Ripple
dB
± 0.1
± 0.1
Transition Band
Hz
0.4-0.6Fs
0.45-0.55 Fs
Stop Band
Hz
0.6Fs
0.55Fs
Stop Band Rejection
dB
74dB
74dB
Group Delay
sec
8/Fs
16/Fs
TABLE A2: Interpolation Filter comparison
Digital Power Supplies and Input Logic Levels
The CS4218 and CS4216 both require that the analog power supply be 5V +/- 0.25V.
The CS4218 digital power supply can operate from 5V +/- 0.25V and 3.3V +/- 0.3V. When operated
from a 5V supply, the CS4218 is TTL and CMOS compatible inputs & outputs. When operated from a
3.3V power supply, the CS4218 is LVTTL and LVCMOS compatible.
In comparison, the CS4216 operates from a 5V +/- 0.25V power supply. It provides only CMOS logic
level inputs. The CS4216 requires level-translation logic (using the 74HCT family) when interfacing
it’s inputs with TTL logic.
CS4218
DS135F1
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com