Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 31Page - Cirrus Logic CS4218 Datasheet HTML 32Page - Cirrus Logic CS4218 Datasheet HTML 33Page - Cirrus Logic CS4218 Datasheet HTML 34Page - Cirrus Logic CS4218 Datasheet HTML 35Page - Cirrus Logic CS4218 Datasheet HTML 36Page - Cirrus Logic CS4218 Datasheet HTML 37Page - Cirrus Logic CS4218 Datasheet HTML 38Page - Cirrus Logic CS4218 Datasheet HTML 39Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
PACKAGE DIMENSIONS
B
A
A
B
1
G
H
I
K
J
0.102 MAX
Lead Coplanarity
L
M
DE
N
C
F
44 PIN QUAD FLATPACK
MILLIMETERS
MIN
MAX
11.75
9.90
0
0.80 BSC
0.35 BSC
12
0.54
0.54
1.35
0.05
1.60
0.17
2
0.35
12.25
10.10
7
0.74
0.74
1.50
10
0.65
B
C
D
E
DIM
F
G
H
I
J
K
A
L
M
N
INCHES
MAX
12
0.063
0.007
0.482
0.398
7
0.029
0.029
0.059
10
0.026
MIN
0.390
0
0.021
0.021
0.053
0.002
2
0.014
0.463
0.031 BSC
0.014 BSC
o
oo
o
o
o
oo
o
o
44 Pin TQFP
1.4 mm Package Thickness
ALL DIMENSIONS ARE IN MILLIMETERS AND PARENTHETICALLY IN INCHES.
0.25 (0.010) R
MAX
1.35 (0.053)
1.19 (0.047)
A
B
B
A
1.14 (0.045) x 45deg.
NOM
NO. OF
TERMINALS
MIN
MAX
MIN
MAX
MIN
MAX
A
B
C
3 NOM
0.46 ( 0.018 )
0.33 ( 0.013 )
C
3 NOM
4.62 (0.182)
4.11 (0.162)
1.14 (0.045)
0.63 (0.025)
2.41 (0.095)
1.27(0.050)
MIN
x45deg.NOM
44
17.40
17.65
16.51
16.66
14.98
16.00
(0.685) (0.695)
(0.650) (0.656)
(0.590) (0.630)
44 PIN PLCC
CS4218
DS135F1
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com