Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4218 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS4218
Description  16-Bit Stereo Audio Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4218 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS4218 Datasheet HTML 13Page - Cirrus Logic CS4218 Datasheet HTML 14Page - Cirrus Logic CS4218 Datasheet HTML 15Page - Cirrus Logic CS4218 Datasheet HTML 16Page - Cirrus Logic CS4218 Datasheet HTML 17Page - Cirrus Logic CS4218 Datasheet HTML 18Page - Cirrus Logic CS4218 Datasheet HTML 19Page - Cirrus Logic CS4218 Datasheet HTML 20Page - Cirrus Logic CS4218 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
SM3 and SM5 Subframe Bit Definitions for SDIN
Bit(s)
Symbol
Description
Bit(s)
Symbol
Description
1-16
DAC-LEFT
Audio Data, DAC Left
2’s Complement data,
MSB first (Bit 1 = MSB)
33-48
DAC-RIGHT
Audio Data, DAC Right
2’s Complement data,
MSB first (Bit 33 = MSB)
17-21
unused
Unused, write with 0’s
49,50
unused
Unused, write with 0’s
22
MUTE
Mute DAC Outputs
0 = Outputs ON
1 = Outputs MUTED
51 - 55
LA4 - LA0
Left Output Attenuation
1.5dB Increments.
00000 = no atten. (0dB)
11111 = 46.5dB atten.
23
ISL
Input Mux, Left Select
0 = LIN1
1 = LIN2
56 - 60
RA4 - RA0
Right Output Attenuation
1.5dB Increments.
00000 = no atten. (0dB)
11111 = 46.5dB atten.
24
ISR
Input Mux, Right Select
0 = RIN1
1 = RIN2
61
DO1
Digital Output 1
0 = Output LOW
1 = Output HIGH
25-28
LG3 - LG0
Left Input Gain
1.5dB Increments.
0000 = No gain (0dB)
1111 = 22.5 dB gain
62
DO2
Digital Output 2
0 = Output LOW
1 = Output HIGH
29-32
RG3 - RG0
Right Input Gain
1.5dB Increments.
0000 = No gain (0dB)
1111 = 22.5 dB gain
63,64
unused
Unused, write with 0’s
SM3 and SM5 Subframe Bit Definitions for SDOUT
Bit(s)
Symbol
Description
Bit(s)
Symbol
Description
1-16
ADC-LEFT
Audio Data, ADC Left
2’s Complement data,
MSB first (Bit 1 = MSB)
29-32
VER3-VER0
CS4218 Version Number
0000 = Rev A
1000 = Rev B and later
17-21
reserved
These bits can be 0 or 1
33-48
ADC-RIGHT
Audio Data, ADC Right
2’s Complement data,
MSB first (Bit 33 = MSB)
22
ADV
ADC Valid Data
0 = Invalid ADC data
1 = Valid ADC data
49-60
reserved
These bits can be 0 or 1
23
LCL
ADC Left Clipping
0 = Normal
1 = Clipping
61
DI1
Digital Input 1
0 = Input LOW
1 = Input HIGH
24
RCL
ADC Right Clipping
0 = Normal
1 = Clipping
62
DI2
Digital Input 2
0 = Input LOW
1 = Input HIGH
25-28
ER3 - ER0
Error Word
0000 = Normal, no error
0001 = Input Sub-Frame
Bit 21 Set.
Control data is
ignored.
0010 = Sync Pulse Error
Outputs muted.
0011 = Soft PowerDown
Outputs muted.
63*
DI3
Digital Input 3
0 = Input LOW
1 = Input HIGH
* SM3-S sub-modes only
64
unused
don’t care
Figure 13. SM3 / SM5 Subframe, Bit definitions
CS4218
DS135F1
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com